Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCR-F6-R

  • AI
    The **FCR-F6-R** is a specific electronic connector component, typically associated with high-speed data transmission and compact board-to-board or cable-to-board interfaces. It is most commonly identified as part of the **FPC (Flexible Printed Circuit)** or **FFC (Flexible Flat Cable)** connector categories. --- ### 1. Component Specifications Below is a breakdown of the typical electronic and physical characteristics of the FCR-F6-R series: | Feature | Specification Details | | :--- | :--- | | **Connector Type** | FPC / FFC Connector | | **Pitch** | Typically 0.5mm or 1.0mm (depending on specific sub-series) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Orientation** | Right Angle (Horizontal) | | **Contact Material** | Phosphor Bronze (often Gold or Tin-Lead plated) | | **Current Rating** | 0.5A per contact (average) | | **Voltage Rating** | 50V AC/DC | --- ### 2. Key Electronic Features #### A. ZIF vs. Non-ZIF Mechanism The "R" in the suffix often indicates a **Rear-flip** or **Slide-lock** mechanism. * **Zero Insertion Force (ZIF):** This part usually employs a ZIF design, meaning the cable can be inserted with no friction, and a locking actuator is closed to secure the connection. * **Signal Integrity:** The locking mechanism ensures a consistent "normal force" on the contacts, preventing data loss due to vibration. #### B. Contact Configuration * **Bottom Contact:** Most FCR-F6-R models are designed with contacts on the bottom side of the cable insertion slot. * **EMI Shielding:** Some variants include metallic "ears" or shells to provide grounding and reduce Electromagnetic Interference (EMI) in high-frequency applications. --- ### 3. Common Applications These connectors are found in high-density electronic environments: 1. **Mobile Devices:** Connecting LCD screens or camera modules to the main PCB. 2. **Laptops:** Keyboard-to-motherboard interfaces. 3. **Automotive:** Infotainment systems and dashboard displays. 4. **Medical Equipment:** Compact handheld diagnostic tools. --- ### 4. Footprint and Soldering (Code Example) When designing a PCB for this part, the landing pattern must be precise. Below is a conceptual representation of how a footprint might be defined in an EDA tool like Altium or KiCad (in script format): ```python # Conceptual Footprint Dimensions (in mm) pin_pitch = 0.5 pin_count = 6 # Example for a 6-pin variant pad_width = 0.3 pad_height = 1.5 def generate_pads(count, pitch): for i in range(count): x_pos = i * pitch print(f"Pad {i+1}: Position({x_pos}, 0), Size({pad_width}, {pad_height})") generate_pads(pin_count, pin_pitch) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by the FCR-F6-R series?
    • ⤷ How does the 'Rear-flip' mechanism compare to 'Front-flip' in terms of durability?
    • ⤷ Are there specific environmental ratings like IP67 for this connector?