Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCR-GA-R

  • AI
    The **FCR-GA-R** is an electronic component primarily classified as a **High-Frequency Chip Fixed Resistor**, often utilized in telecommunications, automotive electronics, and high-precision instrumentation. It is characterized by its reliability and stable performance across varying frequencies. --- ### 1. Technical Specifications The FCR-GA-R series is designed with specific materials and construction to ensure low noise and high accuracy. | Feature | Description | | :--- | :--- | | **Component Type** | Thick Film / Thin Film Precision Resistor | | **Package Size** | Available in standard SMD sizes (0402, 0603, 0805, 1206) | | **Tolerance** | Typically ±0.1% to ±1% | | **Operating Temp** | -55°C to +155°C | | **Composition** | Metal Glaze / Ruthenium Oxide on Alumina Substrate | --- ### 2. Key Electronic Characteristics The internal structure of the FCR-GA-R focuses on minimizing parasitic inductance and capacitance, which is critical for RF (Radio Frequency) applications. * **Low Inductance:** The "GA" designation often refers to a specific geometry or laser-trimming pattern that reduces the spiral effect, making it suitable for high-speed digital circuits. * **Thermal Stability:** It features a low Temperature Coefficient of Resistance (TCR), meaning its resistance value changes very little as the component heats up. * **Sulfur Resistance:** Many variants in the "R" (Reliability) series are treated with a specialized protective layer to prevent silver migration and "sulfur-induced" failures common in harsh environments. --- ### 3. Circuit Application Example In a typical circuit design, these resistors are used as termination resistors or voltage dividers. Below is a conceptual representation of how it might be defined in a Bill of Materials (BOM) or Netlist. ```json { "component_id": "R101", "part_number": "FCR-GA-R-0603-10K-F", "value": "10k Ohms", "tolerance": "1%", "application": "Impedance Matching" } ``` --- ### 4. Typical Use Cases 1. **Automotive Systems:** Used in Engine Control Units (ECUs) where thermal cycling is frequent. 2. **Communication Base Stations:** Used in signal processing units to maintain signal integrity. 3. **Industrial Measurement:** Utilized in sensors where high precision and long-term stability are required.
    ✨ Follow-up Questions
    • ⤷What are the specific soldering profile requirements for the FCR-GA-R series?
    • ⤷ How does the 'GA' suffix specifically differ from the standard 'FCR' series?
    • ⤷ Is this component AEC-Q200 certified for automotive use?