Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCR-J3-R

  • AI
    The **FCR-J3-R** is a specific electronic interface component, primarily recognized as a **high-speed fiber optic receiver** (TOSLINK standard) manufactured by companies like Everlight or Sharp. It is designed to convert optical signals (light pulses) into electrical signals (digital logic). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The FCR-J3-R is a "shutter-type" receiver, meaning it usually features a dust-protection door for the fiber optic cable entry. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fiber Optic Receiver (Photo-Link) | | **Supply Voltage (Vcc)** | +2.7V to +5.5V (Standard +5V) | | **Data Rate** | Up to 16 Mbps (High-speed) | | **Operating Wavelength** | Peak at 660 nm (Red Light) | | **Output Type** | TTL / CMOS Compatible | | **Power Consumption** | Low (approx. 10-15 mA) | --- ## 2. Pin Configuration The device typically follows a standard 3-pin layout used in digital audio and data transmission: 1. **Vout (Signal Out):** Outputs a digital voltage signal representing the received light. 2. **GND (Ground):** The common negative return. 3. **Vcc (Power):** The positive supply input. --- ## 3. Electronic Architecture The internal circuitry of the FCR-J3-R consists of several critical stages: * **Photodiode:** Captures the 660nm light pulses from the fiber optic cable. * **I-V Converter:** Translates the photodiode current into a voltage. * **Waveform Shaper:** A Schmidt trigger or comparator that cleans up the signal to ensure sharp "High" and "Low" digital transitions. * **ATC (Automatic Threshold Control):** Maintains signal integrity even if the incoming light intensity fluctuates. --- ## 4. Common Applications This part is predominantly found in consumer and industrial electronics requiring electrical isolation and EMI (Electromagnetic Interference) immunity. * **Digital Audio:** The most common use is in **S/PDIF** (TOSLINK) ports for Home Theater systems, Soundcards, and DACs. * **Industrial Automation:** Used for noise-free data transmission between high-voltage equipment. * **Gaming Consoles:** Standard optical output for consoles like the PlayStation or Xbox. --- ## 5. Circuit Implementation Example When integrating an FCR-J3-R into a PCB design, a decoupling capacitor is strictly required to prevent noise from affecting the sensitive optical detection. ```c // Typical Connection Schematic Representation [Optical Fiber] -> [FCR-J3-R Receiver] | (Pin 1) Vout |------> To MCU / DSP (RX Data) (Pin 2) GND |------> System Ground (Pin 3) Vcc |---[ 0.1uF Capacitor ]--- +5V Rail ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the FCR-J3-R using standard fiber?
    • ⤷ How does the FCR-J3-R differ from a fiber optic transmitter (FCT)?
    • ⤷ What are the common causes of signal jitter in this receiver?