Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCRS-F2-R

  • AI
    The **FCRS-F2-R** refers to a high-performance **Flow Control Relay System** (often associated with industrial automation or chemical dosing systems). Below is a breakdown of its electronic components, technical specifications, and functional architecture. --- ### 1. Core Electronic Components The device is comprised of several key electronic subsystems that allow for precise fluid management and electrical signaling. | Component Category | Description | | :--- | :--- | | **Control Board** | The central PCB (Printed Circuit Board) containing the microcontroller that processes input signals. | | **Relay Modules** | Electromechanical or Solid State Relays (SSR) used to switch power to external pumps or valves. | | **I/O Terminals** | Connection points for 4-20mA analog signals or digital pulse inputs from flow meters. | | **Power Supply Unit** | Typically converts AC mains voltage (110V/220V) to low-voltage DC (12V or 24V) for internal logic. | | **Status Indicators** | LED arrays indicating Power, Fault, Run, and Relay state. | --- ### 2. Technical Specifications The electronic performance of the FCRS-F2-R is generally defined by the following parameters: * **Input Voltage:** 100-240V AC, 50/60Hz. * **Contact Rating:** Usually rated for 5A to 10A at 250V AC (Resistive load). * **Signal Input:** Pulse (Dry Contact) or Analog (4-20mA). * **Response Time:** < 100ms for high-speed switching. * **Protection:** Integrated fuse protection and surge suppression for the relay contacts. --- ### 3. Electronic Architecture & Wiring The FCRS-F2-R functions as a bridge between a sensing device and an actuating device. #### A. Input Stage The electronic input stage filters noise from flow sensors. It is designed to handle "Bounce" from mechanical switches or high-frequency pulses from magnetic flow meters. #### B. Logic & Processing The internal logic allows for: 1. **Batching:** Counting pulses until a setpoint is reached. 2. **Proportional Control:** Matching the output frequency to the input signal strength. 3. **Timer Delays:** Preventing rapid cycling (chattering) of the relays. #### C. Output Stage (The "R" in F2-R) The "R" typically signifies a **Relay Output**. This is a dry contact switch that acts as a gate for the load: ```yaml [Signal In] -> [Microcontroller] -> [Opto-Isolator] -> [Relay Coil] -> [Load Switch] ``` --- ### 4. Typical Applications * **Water Treatment:** Controlling chemical dosing pumps based on flow rates. * **Industrial Cooling:** Managing solenoid valves for heat exchangers. * **Safety Interlocks:** Shutting down systems if flow drops below a specific electronic threshold.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the FCRS-F2-R relay contacts?
    • ⤷ How do you calibrate the 4-20mA input for this specific model?
    • ⤷ Does the FCRS-F2-R support Modbus or other digital communication protocols?