Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FD-R

  • AI
    It appears you are referring to the **Keyence FD-R series**, which is a high-precision, clamp-on electromagnetic flow sensor. Unlike traditional flow meters, these devices use electromagnetic induction to measure the flow of conductive liquids through a pipe without cutting it. --- ### 1. Core Electronic Components The FD-R series consists of several sophisticated electronic subsystems that allow for non-invasive measurement: | Component | Function | | :--- | :--- | | **Electromagnetic Coils** | Generate a stable magnetic field that penetrates the pipe wall into the fluid. | | **Potential Electrodes** | Detect the micro-voltage (Electromotive Force) generated by the fluid moving through the magnetic field. | | **Signal Processor (DSP)** | A Digital Signal Processor that filters out environmental noise and calculates flow velocity. | | **LCD Display** | A high-definition, dual-line display showing real-time flow rate, total flow, and temperature. | | **Output Circuitry** | Handles communication (IO-Link, 4-20mA, or NPN/PNP pulses) to external PLCs. | --- ### 2. Operating Principle: Faraday’s Law The electronics operate based on **Faraday’s Law of Electromagnetic Induction**. 1. **Field Generation:** The internal circuitry sends a current through coils to create a magnetic field ($B$). 2. **Voltage Detection:** As a conductive liquid flows ($v$) through the field, it creates a voltage ($E$). 3. **Calculation:** The electronic processor calculates the flow based on the formula: `E = B × v × D` *(Where D is the distance between electrodes/pipe diameter).* --- ### 3. Key Electronic Features #### A. IO-Link Integration The FD-R is "Industry 4.0" ready. The electronic interface supports **IO-Link**, allowing it to transmit not just flow data, but also: * Device diagnostics. * Temperature data (via internal thermal sensors). * Remote configuration parameters. #### B. Noise Suppression Electronics Because the electrodes are clamped *outside* the pipe, the signal is extremely faint. The FD-R uses high-impedance amplifiers and specialized shielding to prevent electrical noise (from motors or pumps) from interfering with the flow reading. #### C. Dual-Output Configuration The wiring harness typically allows for two independent channels: * **Output 1:** Often used for Pulse (accumulated flow) or Control (Logic). * **Output 2:** Often used for Analog (4-20mA flow rate) or Temperature alerts. --- ### 4. Technical Specifications (Electronic) | Feature | Specification (Typical) | | :--- | :--- | | **Power Supply** | 24 VDC ±10% | | **Current Consumption** | 100 mA or less | | **Response Time** | 0.5 s to 60 s (Adjustable) | | **Protection Circuit** | Reverse polarity, Surge, Short-circuit | | **Enclosure Rating** | IP65 / IP67 (Water-resistant) |
    ✨ Follow-up Questions
    • ⤷ How do I wire the FD-R to a PLC for 4-20mA output?
    • ⤷ What is the minimum conductivity required for the liquid to be detected?
    • ⤷ How does the FD-R measure temperature alongside flow?