Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FDSD-002-R

  • AI
    Based on the part number **FDSD-002-R**, this component is a **Fiber Optic Dust Cover/Plug** specifically designed for **Toslink (F05) optical connectors**. It is a passive mechanical component used primarily in audio and networking equipment. --- ## 1. Technical Specifications The following table outlines the physical and functional characteristics of the FDSD-002-R: | Attribute | Specification | | :--- | :--- | | **Component Type** | Dust Cover / Protective Plug | | **Interface Compatibility** | Toslink (EIAJ Optical / F05) | | **Material** | Low-density Polyethylene (LDPE) or PVC | | **Color** | Black (Standard) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | | **Function** | Contamination prevention for optical transmitters/receivers | --- ## 2. Key Features and Functions ### Protective Barrier The primary role of the FDSD-002-R is to protect the internal lens of a fiber optic transceiver (like a Torx or Totx module). Because optical data transmission relies on light, even microscopic dust particles can: * Attenuate (weaken) the light signal. * Cause signal jitters or data loss. * Scratch the delicate polished surface of the optical fiber. ### Friction Fit Design The part is designed with a specific tolerance to stay securely inside a square Toslink port without the need for a locking mechanism, allowing for easy removal when a cable needs to be plugged in. ### Environmental Compliance The **-R** suffix signifies that the part meets **RoHS (Restriction of Hazardous Substances)** requirements, ensuring it is free from lead, cadmium, and other restricted heavy metals commonly found in older plastic stabilizers. --- ## 3. Common Applications This part is ubiquitous in consumer electronics that utilize optical audio (S/PDIF). * **Home Theater:** Back panels of AV Receivers and Soundbars. * **Gaming:** Optical out ports on consoles (PS4, Xbox). * **Computing:** Motherboard I/O shields with integrated optical audio. * **Industrial:** Protective shipping caps for optical sensors and communication modules. --- ## 4. Importance in Assembly During the manufacturing and shipping process, the FDSD-002-R is critical. It prevents solder flux, dust, and cleaning agents from entering the optical cavity during the PCB assembly process.
    ✨ Follow-up Questions
    • ⤷ What are the dimensions of a standard Toslink F05 connector?
    • ⤷ Can this dust cover be used with LC or SC fiber connectors?
    • ⤷ Are there alternative materials for high-temperature soldering environments?