Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FFS-R32A6

  • AI
    The **FFS-R32A6** is a specific electronic sensor assembly typically used in industrial automation, specifically within the category of **Photoelectric Sensors** or **Fiber Optic Sensors**. It is commonly associated with brands like Panasonic (formerly Sunx) or similar precision electronic manufacturers. Below is a breakdown of its technical characteristics and components. --- ### 1. Technical Specifications The FFS-R32A6 is designed for high-precision detection in environments where space is limited or where traditional sensors cannot reach. | Feature | Specification | | :--- | :--- | | **Type** | Retro-reflective Fiber Optic Head | | **Detection Method** | Beam interruption (Emitter and Receiver in one head) | | **Fiber Arrangement** | Coaxial (Outer: Receiver, Inner: Emitter) | | **Sensing Distance** | Dependent on the amplifier (typically 10mm to 500mm) | | **Fiber Material** | Plastic (often PMMA) | | **Operating Temperature** | -40°C to +70°C | --- ### 2. Key Electronic Components & Design The "electronic" functionality of this part is split between the **Optical Head** (FFS-R32A6) and a required **Digital Amplifier** (such as the FX series). #### A. Coaxial Fiber Optics Unlike standard dual-core fibers, the R32A6 uses a coaxial structure. * **Emitter Core:** A central fiber that carries the light signal. * **Receiver Ring:** A surrounding ring of fibers that captures the reflected light. * **Benefit:** This design eliminates the "dead zone" often found in parallel fiber sensors, allowing for more accurate detection of small objects or shiny surfaces. #### B. The Reflective Mechanism As a **Retro-reflective** sensor, it works in conjunction with a reflector or the object itself. * **Light Modulation:** The amplifier pulses the light (usually Red LED or Infrared) at specific frequencies to prevent interference from ambient light. * **Signal Processing:** When an object breaks the beam, the drop in light intensity is converted into an electrical signal (NPN or PNP) by the connected amplifier unit. #### C. Mechanical Housing * **M3 Threaded Tip:** The head features a precision-machined M3 thread for easy mounting into machine frames. * **R2 (Flexible) Fiber:** The "R" in the model often signifies a high-flexibility fiber, making it resistant to breakage in moving robot arms or tight bends. --- ### 3. Typical Applications * **Semiconductor Manufacturing:** Detecting the presence of silicon wafers. * **Packaging Industry:** Sensing small clear plastic tabs or labels. * **Precision Counting:** Counting small metallic parts on a high-speed conveyor. ---
    ✨ Follow-up Questions
    • ⤷ Which digital amplifier models are compatible with the FFS-R32A6?
    • ⤷ What is the difference between coaxial and parallel fiber optics in sensing?
    • ⤷ How do you calibrate the sensing distance for this specific sensor?