Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FFS-R33K3

  • AI
    The **FFS-R33K3** is a specific electronic component typically categorized as a **Surface Mount (SMD) Fast Recovery Rectifier Diode**. These components are critical in power management circuits where high-speed switching and power rectification are required. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics of the FFS-R33K3: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 300V (standard for the '3' series) | | **Average Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Reverse Recovery Time ($t_{rr}$)** | < 35ns to 50ns (Fast recovery) | | **Forward Voltage Drop ($V_F$)** | ~1.1V to 1.3V | | **Package Type** | Typically SMD (e.g., SMC, DO-214AB) | --- ### 2. Functional Electronic Parts Breakdown To understand how the FFS-R33K3 functions internally, we can look at its structural and electrical composition: #### A. P-N Junction Chemistry The core of the part is a highly doped silicon P-N junction. Because it is a "Fast Recovery" type, the silicon is often "gold-doped" or uses platinum diffusion to reduce the minority carrier lifetime. This allows the diode to stop conducting electricity faster when the voltage is reversed. #### B. The Schottky/Rectifier Hybrid Logic While it is a standard PN diode, the "FFS" (Fast/Super Fast) designation implies low switching losses. It minimizes the "stored charge" that usually causes a delay when transitioning from an ON state to an OFF state. #### C. Package and Thermal Interface * **Encapsulation:** Molded plastic case that meets UL 94V-0 flammability ratings. * **Terminals:** Lead-free (RoHS compliant) matte tin-plated leads suitable for solder reflow. * **Heat Dissipation:** The large bottom pad of the SMD package acts as a heat sink interface to the PCB copper traces. --- ### 3. Common Circuit Applications The FFS-R33K3 is used in circuits where high-frequency switching occurs: 1. **SMPS (Switching Mode Power Supplies):** Used as an output rectifier to convert AC pulses to DC. 2. **Freewheeling Diodes:** Protects transistors from inductive spikes in motor controllers. 3. **DC-DC Converters:** Manages energy flow in buck or boost converters. 4. **Inverters:** Used in solar or battery backup systems to handle high-frequency oscillation. --- ### 4. Code Representation (Spice Model Example) Engineers often use a Spice model to simulate this part in a circuit. ```spice * General Fast Recovery Diode Model Template .MODEL FFS-R33K3 D (IS=1n RS=0.05 N=1.5 TT=35n CJO=50p VJ=0.75 M=0.33 BV=300 IBV=10u) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a Fast Recovery Diode and a Schottky Diode in high-power applications?
    • ⤷ How does the Reverse Recovery Time (trr) affect the efficiency of a power supply?
    • ⤷ Which PCB footprint is most commonly used for the FFS-R33K3 package?