Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FG-R01-4GA

  • AI
    ## Technical Overview of the FG-R01-4GA The **FG-R01-4GA** is a high-precision, industrial-grade **AC/DC Leakage Current Sensor** (also known as a Residual Current Monitoring or RCM sensor) developed by **KEMET**. It is specifically designed to detect very small amounts of leakage current in high-power systems like Electric Vehicle (EV) charging stations. --- ### 1. Key Electronic Specifications The sensor is built to detect both Alternating Current (AC) and Direct Current (DC) leakage, which is critical for safety in systems where DC faults might occur. | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 12V to 15V DC | | **Rated Current Range** | 0 to 300 mA | | **Frequency Range** | DC to 2 kHz | | **Operating Temperature** | -40°C to +105°C | | **Output Type** | Digital (Open Collector) & Analog | | **Compliance** | IEC 62752 / IEC 62955 (EV Charging Standards) | --- ### 2. Core Components and Functional Blocks The internal electronics of the FG-R01-4GA consist of several sophisticated stages to ensure accuracy and noise immunity: #### A. Fluxgate Magnetic Core Unlike standard current transformers that use simple induction, this sensor uses **Fluxgate technology**. * It consists of a high-permeability magnetic core. * It allows the detection of DC offsets which traditional "passive" sensors cannot see. #### B. Signal Conditioning Circuitry * **Excitation Circuit:** Drives the magnetic core into saturation. * **Detection Circuit:** Measures the second harmonic of the excitation frequency, which is proportional to the residual (leakage) current passing through the center hole. #### C. Integrated Protection & Logic * **Digital Trip Signal:** The sensor features an internal comparator. If the leakage exceeds a specific threshold (e.g., 6mA DC or 30mA AC), it triggers a digital output to shut down the system. * **Self-Test Pin:** Allows the master controller to verify the sensor is functional before starting a charging cycle. --- ### 3. Application Architecture In an electronic system (like an EVSE - Electric Vehicle Supply Equipment), the FG-R01-4GA is typically integrated as follows: ```mermaid graph LR A[Power Lines L1/L2/L3/N] --> B(FG-R01-4GA Sensor) B --> C{Internal Processing} C --> D[Analog Out: Current Level] C --> E[Digital Out: Trip/Fault] D & E --> F[Microcontroller / PLC] ``` --- ### 4. Why the "4GA" Variant? The "4GA" designation typically refers to the physical configuration and the specific sensitivity settings tuned for **Mode 2 and Mode 3 EV charging**. It ensures that the system can detect: 1. **6mA DC Leakage:** To prevent the "blinding" of Type A RCDs. 2. **30mA AC Leakage:** To protect humans against electric shock. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Fluxgate technology and Hall Effect sensors for leakage detection?
    • ⤷ How do you interface the FG-R01-4GA digital output with an Arduino or ESP32?
    • ⤷ What are the specific wiring requirements for the 4-pin connector on this sensor?