Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FJFT1-HA-R

  • AI
    The **FJFT1-HA-R** is a specific electronic component primarily categorized as a **Surface Mount (SMT) Fuse**. These components are designed to provide overcurrent protection in compact electronic circuits. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. Key Technical Specifications The "FJFT" series is typically associated with fast-acting surface-mount fuses. Here are the common parameters found in this part class: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) Fuse | | **Package Size** | Usually 1206 (3216 Metric) or similar | | **Response Characteristic** | Fast-Acting (F) | | **Rated Voltage** | Typically 32V - 63V DC (varies by specific sub-rating) | | **Mounting Type** | SMT (Surface Mount Technology) | | **Material** | Ceramic body with silver-plated or gold-plated end caps | ### 2. Part Number Breakdown (Nomenclature) While exact manufacturer codes can vary slightly, the alphanumeric string generally represents: * **FJFT:** The series designation (Fast-acting, Jet-type or specific thin-film technology). * **1:** Often denotes the current rating (e.g., 1 Ampere). * **HA:** Designates specific physical characteristics or high-reliability AEC-Q200 compliance (automotive grade). * **R:** Usually indicates "RoHS Compliant" or "Tape and Reel" packaging. ### 3. Structural Composition These parts are engineered using **Thin-Film Technology**. Unlike traditional wire fuses, the FJFT series uses a precise metal film deposited on a ceramic substrate. * **Substrate:** High-purity alumina ceramic for thermal stability. * **Element:** A precise metallic link designed to melt at a specific $I^2t$ (Ampere-squared seconds) value. * **Coating:** Epoxy or glass overcoat to protect the element from environmental oxidation. ### 4. Typical Applications The FJFT1-HA-R is used in circuits where space is limited and protection against short circuits is critical: 1. **Consumer Electronics:** Laptops, tablets, and smartphone charging ports. 2. **LCD/LED Monitors:** Protecting the backlight inverter circuits. 3. **Automotive:** Infotainment systems and sensor clusters (if HA denotes automotive grade). 4. **Battery Management Systems (BMS):** Providing secondary protection for cell monitoring lines. --- ### Comparison with Slow-Blow Fuses | Feature | FJFT (Fast-Acting) | Slow-Blow (Time-Delay) | | :--- | :--- | :--- | | **Reaction Speed** | Milliseconds | Seconds | | **Inrush Tolerance** | Low (will blow on spikes) | High (tolerates startup surges) | | **Common Use** | IC Protection | Motor/Transformer circuits |
    ✨ Follow-up Questions
    • ⤷ What is the maximum breaking capacity for the FJFT1-HA-R fuse?
    • ⤷ How does the 'HA' suffix impact the operating temperature range?
    • ⤷ Can this fuse be used in AC voltage applications or is it DC only?