Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FJFT5-AA-R

  • AI
    The **FJFT5-AA-R** is a specific electronic component commonly used in telecommunications and data networking hardware. It is a **Surface Mount (SMT) Integrated RJ45 Connector**, often referred to as a "MagJack" because it integrates magnetic components directly into the connector housing. --- ## 1. Technical Specifications The following table highlights the core technical characteristics of the FJFT5-AA-R: | Feature | Specification | | :--- | :--- | | **Component Type** | RJ45 Integrated Connector (MagJack) | | **Mounting Type** | Surface Mount (SMT / SMD) | | **Orientation** | Right Angle (Horizontal) | | **Ethernet Speed** | 10/100 Base-T (Fast Ethernet) | | **LED Configuration** | Typically Dual (Green/Yellow or as specified) | | **Shielding** | Metal Shielded (EMI Protection) | | **Termination** | Solder | --- ## 2. Key Internal Components Unlike a standard plastic RJ45 jack, the "Integrated" nature of the FJFT5-AA-R means it contains several sub-components inside the shell: ### A. Magnetics (Transformers) Inside the housing, there are tiny wire-wound toroidal cores. These serve two purposes: * **Isolation:** They provide galvanic isolation between the network cable and the PHY (Physical Layer) chip on the PCB, protecting the circuit from voltage spikes. * **Signal Integrity:** They filter out common-mode noise and match impedance to ensure clean data transmission. ### B. EMI Shielding The outer metal "can" or shell is designed to be grounded to the PCB. This acts as a Faraday cage to prevent electromagnetic interference (EMI) from escaping the device or entering the signal path. ### C. Status LEDs The "AA" in the part number often refers to the specific configuration of the light-emitting diodes located at the top corners of the jack. These provide immediate visual feedback on: * **Link Status:** Whether a physical connection is established. * **Activity:** Flashing to indicate data packets are being sent or received. --- ## 3. Application Use Cases The FJFT5-AA-R is primarily found in compact networking equipment where space is at a premium and manual soldering is minimized: * **IoT Gateways:** Small form-factor hubs that require Ethernet connectivity. * **Embedded Systems:** Industrial controllers and Single Board Computers (SBCs). * **Network Switches:** High-density port layouts where SMT mounting speeds up production. * **Set-top Boxes:** Consumer electronics requiring a wired internet connection. --- ## 4. Typical Pinout Mapping While the internal magnetics handle the signal, the physical footprint usually follows this standard: ```markdown 1. TD+ (Transmit Data +) 2. TD- (Transmit Data -) 3. RD+ (Receive Data +) 4. NC (No Connection / Center Tap) 5. NC (No Connection / Center Tap) 6. RD- (Receive Data -) 7. NC (No Connection) 8. GND (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the footprint difference between SMT and Through-Hole RJ45 connectors?
    • ⤷ How do integrated magnetics improve EMI performance compared to discrete components?
    • ⤷ Can this connector support Power over Ethernet (PoE) applications?