Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FL201209-R10

  • AI
    The **FL201209-R10** is a specific surface-mount electronic component, typically classified as a **Ferrite Chip Bead** or a **Multilayer Chip Inductor**. Components with this naming convention are designed for high-frequency noise suppression and signal integrity in compact electronic circuits. ### 1. Part Number Breakdown The alphanumeric code follows a standard industry format for passive components: | Segment | Meaning | Description | | :--- | :--- | :--- | | **FL** | Series Code | Often denotes a Ferrite Layered or Filter series. | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (Equivalent to **0805** in Imperial). | | **09** | Thickness | Indicates a height of approximately 0.9mm. | | **R10** | Inductance Value | Represents **0.10 µH** (R acts as a decimal point). | --- ### 2. Key Technical Specifications While exact specs can vary by manufacturer (such as TDK, Murata, or Taiyo Yuden), the general characteristics for an R10 (100nH) chip inductor/bead are: * **Inductance:** 0.10 µH (±10% to ±20% tolerance). * **DC Resistance (DCR):** Usually very low (typically < 0.30 Ω) to minimize power loss. * **Rated Current:** Generally ranges between 200mA and 500mA depending on the internal wire gauge. * **Self-Resonant Frequency (SRF):** High SRF, making it suitable for high-frequency filtering. * **Operating Temperature:** Typically -40°C to +85°C or +125°C. --- ### 3. Applications and Usage These parts are primarily used for **EMI (Electromagnetic Interference) suppression**. * **Noise Filtering:** Placed on DC power lines or signal lines to prevent high-frequency noise from interfering with sensitive components. * **Decoupling:** Used in conjunction with capacitors to create low-pass filters. * **Common Devices:** Found in mobile phones, tablets, laptops, and automotive infotainment systems where PCB space is limited. --- ### 4. Comparison Table: 2012 (Metric) vs 0805 (Imperial) It is important to ensure the footprint matches your PCB design: | Metric (mm) | Imperial (inch) | Length (L) | Width (W) | | :--- | :--- | :--- | :--- | | **2012** | **0805** | 2.00 ± 0.20 | 1.25 ± 0.20 | ---
    ✨ Follow-up Questions
    • ⤷ What is the typical tolerance for the R10 inductance value?
    • ⤷ How does this component differ from a standard resistor in the same package size?
    • ⤷ Can this part be used for power supply filtering above 1 Amp?