Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FL201209-R15

  • AI
    The **FL201209-R15** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Multi-layer Chip Inductor** (specifically a Ferrite Chip Bead or Inductor). It is widely used in high-frequency noise suppression and signal integrity circuits. --- ### 1. Part Number Breakdown The alphanumeric code follows a standard industry naming convention: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **FL** | Product Series | Often denotes a Ferrite Layered/Multi-layer inductor. | | **2012** | Package Size | Imperial 0805 metric equivalent (2.0mm x 1.25mm). | | **09** | Thickness | Denotes the thickness of the component (approx. 0.9mm). | | **R15** | Inductance Value | "R" acts as a decimal point. R15 = **0.15 µH** (Microhenries). | --- ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (such as TDK, Murata, or Taiyo Yuden), the general characteristics for an R15 chip inductor in this series are: * **Inductance:** 0.15 µH (150 nH). * **Tolerance:** Usually ±10% or ±20%. * **Current Rating (I-dc):** Typically ranges from **150mA to 300mA** (depending on the specific DCR). * **DC Resistance (DCR):** Low resistance, usually between **0.2Ω and 0.5Ω**. * **Operating Temperature:** Generally **-40°C to +125°C**. * **Material:** Ferrite-based multi-layer construction. --- ### 3. Key Applications Because of its small form factor (0805 size) and high-frequency performance, the FL201209-R15 is commonly found in: 1. **EMI Suppression:** Used to filter out high-frequency electromagnetic interference in power lines and signal lines. 2. **Mobile Electronics:** Found in smartphones, tablets, and wearables due to the compact 2012 footprint. 3. **Decoupling:** Used in conjunction with capacitors to prevent noise from entering sensitive ICs. 4. **RF Circuits:** Used in matching networks for wireless communication modules. --- ### 4. Physical Dimensions (Metric) | Dimension | Measurement (mm) | | :--- | :--- | | **Length (L)** | 2.00 ± 0.20 | | **Width (W)** | 1.25 ± 0.20 | | **Thickness (T)** | 0.90 ± 0.20 | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a chip inductor and a ferrite bead in the 2012 package size?
    • ⤷ How does the 'R15' value affect the Self-Resonant Frequency (SRF) of the part?
    • ⤷ What are the common manufacturer alternatives for the FL201209 series?