Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FL201209-R18

  • AI
    The **FL201209-R18** is a specific electronic component, typically categorized as a **Ferrite Chip Inductor** (specifically a multilayer chip inductor). This component is designed for surface-mount technology (SMT) and is commonly used in high-frequency signal processing and power management circuits. --- ### 1. Breakdown of the Part Number The alphanumeric code follows a standard industry naming convention for passive components: | Part Segment | Meaning | Details | | :--- | :--- | :--- | | **FL** | Series Code | Often denotes a Multilayer Ferrite Inductor series. | | **2012** | Package Size | Imperial size 0805 (Metric 2012). Dimensions: 2.0mm x 1.25mm. | | **09** | Thickness Code | Indicates a component thickness of approximately 0.9mm. | | **R18** | Inductance Value | "R" acts as a decimal point. R18 = **0.18 µH** (180 nH). | --- ### 2. Key Technical Specifications While exact specifications can vary slightly between manufacturers (such as TDK, Murata, or Taiyo Yuden), the general characteristics for an R18 multilayer inductor are: * **Inductance:** 0.18 µH (±10% or ±20% tolerance). * **DC Resistance (DCR):** Typically very low, ranging from 0.20 to 0.50 Ohms. * **Rated Current:** Usually between 150mA and 300mA. * **Self-Resonant Frequency (SRF):** Generally high, often exceeding 100MHz to 200MHz. * **Operating Temperature:** Standard range is -40°C to +85°C or +125°C. --- ### 3. Construction and Function The **FL201209-R18** is a **Multilayer Inductor**, meaning it is constructed by layering ferrite paste and conductive internal electrode paste. * **No External Windings:** Unlike traditional wire-wound inductors, the "coil" is integrated inside the ceramic/ferrite body, making it highly reliable and compact. * **Magnetic Shielding:** The ferrite body provides a closed magnetic circuit, which minimizes EMI (Electromagnetic Interference) and prevents the component from affecting nearby traces. --- ### 4. Common Applications Due to its small size and inductance value, this part is used in: 1. **Noise Suppression:** Filtering high-frequency noise in communication lines. 2. **Impedance Matching:** Used in RF (Radio Frequency) circuits for smartphones and Wi-Fi modules. 3. **DC-DC Converters:** Small-scale power conversion in portable electronics (wearables, tablets). 4. **Signal Conditioning:** Smoothing out ripples in digital signals. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a multilayer inductor like the FL201209-R18?
    • ⤷ How do I calculate the maximum power dissipation for this component?
    • ⤷ Are there alternative package sizes if 0805 is too large for my PCB?