Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-03-R/Q

  • AI
    The **FLCS-03-R/Q** series refers to specific high-performance **Flow Control Valves** (specifically solenoid-controlled liquid flow switches or valves) often used in industrial automation and fluid management. Below is a breakdown of the electronic and electromechanical components typically associated with this part number. ### 1. Technical Specifications Overview The "R/Q" suffix usually denotes specific voltage or connection configurations. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Solenoid Liquid Control Valve / Flow Switch | | **Operating Voltage** | 24V DC or 110V/220V AC (Model dependent) | | **Power Consumption** | 5W - 15W | | **Connection Type** | Lead wires or DIN Connector (Q-type often implies Quick-connect) | | **Protection Rating** | IP65 (Dust tight, water jet resistant) | --- ### 2. Key Electronic Components The FLCS-03 series relies on several internal electronic and magnetic parts to function: #### A. The Solenoid Coil (Actuator) The heart of the unit is an electromagnetic coil. When current passes through this coil, it creates a magnetic field that pulls a plunger, either opening or closing the valve. * **Insulation Class:** Usually Class F or H for high-temperature resistance. * **Duty Cycle:** Rated for 100% ED (Continuous Duty). #### B. Internal Switching/Sensors In models designated as "Flow Switches," the unit contains: * **Reed Switch or Hall Effect Sensor:** To detect the physical position of the internal piston/diaphragm. * **Output Signal:** Usually provides a Dry Contact (NO/NC) or a PNP/NPN transistor output to a PLC (Programmable Logic Controller). #### C. Surge Suppression Most modern versions (especially the "R" or "Q" variants) include integrated electronics to protect the system: * **Flyback Diode (DC models):** Prevents voltage spikes when the coil is de-energized. * **Varistor (AC models):** Protects the solenoid from power surges. --- ### 3. Wiring and Connection (R vs Q) The suffix typically identifies the electrical interface: 1. **"R" Variant:** Often indicates **Lead Wires**. The electronic connection is made via direct cabling into a junction box. 2. **"Q" Variant:** Often indicates a **Quick-Connect** or DIN 43650 Connector. This allows for rapid replacement of the electronic head without rewiring the entire system. --- ### 4. Schematic Example The basic electrical logic for integrating this part into a circuit: ```mermaid graph LR A[Power Supply 24VDC] --> B[PLC Output Card] B --> C{FLCS-03-R/Q} C --> D[Ground/Common] C -.-> E[Feedback Signal to PLC Input] ``` --- ### 5. Maintenance Notes * **Coil Resistance:** If the valve fails to actuate, measure the resistance across the terminals using a multimeter. An "Open" reading indicates a burnt-out coil. * **Voltage Tolerance:** Ensure the supplied voltage is within ±10% of the rated value to prevent overheating or weak magnetic pull.
    ✨ Follow-up Questions
    • ⤷What is the specific pinout for the FLCS-03-Q connector?
    • ⤷ Can the solenoid coil be replaced independently of the valve body?
    • ⤷ How do I troubleshoot a weak signal from the internal flow sensor?