FLCS-05-R/K
AI

The **FLCS-05-R/K** is a specific series of liquid leak detection sensors, commonly used in industrial environments, semiconductor manufacturing, and data centers. These parts are typically designed for high sensitivity and reliability.
Below is a breakdown of the electronic components and technical specifications for this series.
---
## 1. Technical Specifications
The FLCS series (specifically the -05-R/K variants) are point-sensors or optical sensors designed to detect the presence of liquids.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 12V to 24V DC |
| **Current Consumption** | $\approx$ 15mA to 30mA (Typical) |
| **Output Type** | NPN Open Collector (usually) |
| **Response Time** | < 1 second |
| **Material** | PFA (Perfluoroalkoxy) or PP (Polypropylene) |
| **Indicator** | LED (Red = Leak, Green/Off = Normal) |
---
## 2. Key Electronic Parts & Functionality
### A. Optical Sensing Unit (Infrared)
The "heart" of the device is an **Infrared (IR) Emitter and Receiver**.
* **Physics:** It utilizes the principle of total internal reflection. When no liquid is present, the IR beam reflects back to the receiver.
* **Detection:** When liquid touches the sensor tip, the refractive index changes, causing the light to escape into the liquid. The receiver detects this loss of light and triggers the alarm.
### B. The Comparator Circuit
Internal to the sensor is a small PCB containing a **Comparator IC** (like an LM393 variant).
* It compares the voltage from the IR receiver against a set threshold.
* This ensures that small amounts of condensation or dust don't trigger a false positive.
### C. Output Transistor
The part uses a transistor (usually a **BJT or MOSFET**) to handle the output signal.
* **-R/K Suffix:** Often denotes the wiring configuration or the logic state (e.g., Normally Closed vs. Normally Open).
* **Protection:** Most units include a **Zener Diode** or a **Varistor** to protect the internal electronics from voltage spikes on the power line.
### D. Signaling Interface
The sensor typically has a 3-wire or 4-wire interface:
1. **VCC (+):** Power input.
2. **GND (-):** Common ground.
3. **OUT (Signal):** The lead that connects to a PLC (Programmable Logic Controller) or an alarm panel.
---
## 3. Wiring Configuration
Most FLCS-05 models follow a standard industrial color code:
```yaml
Brown: +V (12-24V DC)
Blue: 0V (Ground)
Black: Control Output (NPN)
```
---
## 4. Maintenance and Reliability
Because these sensors are often used with hazardous chemicals, the electronics are **fully encapsulated** (potted) in resin. This provides:
* **Chemical Resistance:** Protection against acid/alkali vapors.
* **Vibration Resistance:** Ensures the delicate IR alignment isn't disrupted by machinery.
- ⤷
What is the difference between the 'R' and 'K' suffixes in this specific model?
- ⤷ Can this sensor detect non-conductive liquids like oil?
- ⤷ How do I wire this sensor to a 24V PLC input?