Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-12D-R

  • AI
    The **FLCS-12D-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are essential in power management circuits for regulating voltage and filtering noise. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for the FLCS series, here is a breakdown of the typical technical attributes: | Parameter | Characteristic | | :--- | :--- | | **Component Type** | Power Inductor / Wire-wound Chip Inductor | | **Inductance Value** | 12 $\mu$H (Microhenries) | | **Tolerance** | Usually $\pm$20% (indicated by 'M' or standard series) | | **Package Size** | Compact SMD (e.g., 2.5 x 2.0 mm or 3.2 x 2.5 mm) | | **Core Material** | Ferrite or Metal Alloy (shielded or unshielded) | | **Termination** | RoHS compliant, Lead-free plating | --- ### 2. Physical and Structural Design The "R" suffix often indicates **RoHS Compliance** or a specific **Reel packaging** format for automated assembly. * **Shielding:** Most FLCS series inductors are magnetically shielded to prevent Electromagnetic Interference (EMI) from affecting nearby sensitive components. * **Terminals:** Low profile, designed for reflow soldering on Printed Circuit Boards (PCBs). * **Construction:** High-density winding around a ferrite core to achieve higher current ratings in a small footprint. --- ### 3. Common Applications The FLCS-12D-R is primarily used in **DC-DC Converters** and power supply modules for: 1. **Mobile Devices:** Smartphones, tablets, and wearables where board space is limited. 2. **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. 3. **Communication:** Network routers and base station power management. 4. **Consumer Electronics:** Hard disk drives (HDDs) and digital cameras. --- ### 4. Circuit Role In an electronic circuit, the FLCS-12D-R serves two main functions: * **Energy Storage:** In a switching regulator, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. * **Filtering:** It works alongside capacitors to smooth out ripple current, providing a stable DC output voltage. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irat) for the FLCS-12D-R?
    • ⤷ How does this inductor compare to a 12uH inductor in a larger package size?
    • ⤷ Are there specific footprint recommendations for soldering this SMD part?