Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-12D-R/Q

  • AI
    The **FLCS-12D-R/Q** is a high-performance **Fiber Optic LC Duplex Connector/Adapter** assembly. It is primarily used in high-density telecommunications and data networking environments to facilitate the connection between fiber optic cables and active equipment or patch panels. --- ### 1. Component Specifications The following table highlights the technical and physical characteristics of the FLCS-12D-R/Q: | Feature | Specification | | :--- | :--- | | **Connector Type** | LC (Lucent Connector) | | **Configuration** | Duplex (Two fibers per connection) | | **Fiber Mode** | Singlemode (typically OS1/OS2) | | **Housing Material** | UL 94V-0 Rated Flame Retardant Plastic | | **Sleeve Material** | Zirconia Ceramic (for high precision) | | **Mounting Style** | Flanged with Stainless Steel Clip | | **Insertion Loss** | Typical < 0.2dB | --- ### 2. Key Electronic & Mechanical Parts While fiber optics transmit light rather than electrical signals, the "electronic parts" of this assembly refer to the mechanical precision components that ensure signal integrity: 1. **Zirconia Ceramic Sleeves:** The internal alignment component. Unlike metal, zirconia provides high durability and low thermal expansion, ensuring that the fiber cores (9 microns for SM) align perfectly to prevent signal loss. 2. **Duplex Housing:** A plastic body designed with a "push-pull" latching mechanism. This mimics the RJ-45 Ethernet connector functionality, providing a secure mechanical lock. 3. **Color Coding (The "R/Q" Suffix):** * The color of the housing often indicates the polish type (e.g., Blue for UPC, Green for APC) or specific carrier requirements. * In many manufacturer schemes, "R" or "Q" refers to specific packaging standards or the inclusion of **Internal Shutters** which protect the eyes from laser radiation and the ferrule from dust. --- ### 3. Application Use Cases * **SFP/SFP+ Transceivers:** Used as the interface for 10G/40G/100G optical modules. * **Data Centers:** High-density patching where space is at a premium. * **FTTH (Fiber to the Home):** Used in optical distribution frames (ODF). --- ### 4. Technical Drawing Concept ```text [ Front View ] [ Side View ] ________________ __________________ | (O) (O) | | | | LC LC | | LATCH | |________________| |__________________| (Duplex Ports) (Clip Mounting) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this specific manufacturer series?
    • ⤷ Does this adapter support Multimode fiber or is it strictly Singlemode?
    • ⤷ What are the advantages of Zirconia sleeves over Phosphor Bronze in these connectors?