Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-1E-R

  • AI
    ### Overview of FLCS-1E-R The **FLCS-1E-R** is an electronic liquid level control switch, commonly used in industrial and HVAC applications (such as condensate pumps or tank monitoring). It operates as a non-contact or float-actuated electronic relay designed to monitor fluid levels and trigger external equipment. --- ### Key Electronic Components & Specifications | Component / Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 24VAC or 120/240VAC (depending on the specific sub-model configuration). | | **Output Type** | SPDT (Single Pole Double Throw) Relay Contact. | | **Contact Rating** | Usually rated for 5A to 10A at 250VAC, allowing it to drive motors or solenoid valves directly. | | **Sensor Type** | Conductive probes or a magnetic reed switch (depending on the housing assembly). | | **Enclosure Rating** | Often NEMA 4X or IP65 rated for moisture resistance. | --- ### Functional Electronic Design The internal circuitry of the FLCS-1E-R focuses on **signal conditioning** and **load switching**. #### 1. Signal Processing The unit utilizes a low-voltage sensing circuit to detect the state of the level sensor. This prevents electrolysis (if using conductive probes) and ensures user safety by isolating the high-voltage load from the liquid being sensed. #### 2. Relay Logic The "R" in the model suffix usually denotes a **Relay Output**. * **Normally Open (NO):** Closes the circuit when the liquid reaches the set level. * **Normally Closed (NC):** Opens the circuit when the liquid reaches the set level. #### 3. Protection Circuitry * **Surge Suppression:** Internal varistors or snubber circuits to protect the relay contacts from inductive back-EMF when switching motors. * **Time Delay (Optional):** Some variants include a small debounce delay to prevent "chattering" caused by turbulent liquid surfaces. --- ### Typical Wiring Diagram Concepts ```mermaid graph LR A[Power Supply] --> B[FLCS-1E-R Internal Logic] C[Level Sensor/Float] --> B B --> D[SPDT Relay] D --> E[Pump/Alarm/Valve] ``` 1. **Terminals L1/L2:** Main power input for the controller. 2. **Common (C):** The feed for the internal switch. 3. **NO/NC:** Connected to the device you wish to control (e.g., a high-water alarm). ---
    ✨ Follow-up Questions
    • What is the maximum current rating for the FLCS-1E-R relay contacts?
    • How do you wire the FLCS-1E-R for a 'High Level' alarm versus a 'Low Level' pump shut-off?
    • Does this model require specific maintenance for the electronic probes?