Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-2F-R

  • AI
    The **FLCS-2F-R** is a specialized electronic component, typically categorized as a **High-Frequency Coaxial Switch** or a **Fiber Optic Connector/Module** depending on the specific manufacturer (commonly associated with Hirose or similar precision electronic hardware firms). Below is a breakdown of the technical specifications and electronic characteristics associated with this part. --- ### 1. General Specifications The "FLCS" series generally refers to small-form-factor connectors or switches designed for telecommunications and high-speed data transmission. | Feature | Description | | :--- | :--- | | **Part Number** | FLCS-2F-R | | **Component Type** | Optical/Coaxial Interface (SFP-related or Specialized Connector) | | **Mounting Type** | Surface Mount (SMT) or Panel Mount | | **Configuration** | 2-Port / Duplex (Indicated by "2F") | | **RoHS Status** | Compliant (Indicated by "R") | --- ### 2. Electronic Characteristics In high-frequency electronics, the FLCS-2F-R is designed to maintain signal integrity through the following parameters: * **Low Insertion Loss:** Minimizes the reduction in signal power as it passes through the component. * **High Return Loss:** Ensures that signals are not reflected back to the source, which is critical for high-speed fiber or RF circuits. * **EMI Shielding:** Often features a metal housing to prevent electromagnetic interference from affecting the internal signal path. --- ### 3. Structural Components The "2F-R" designation usually points to the specific physical layout: 1. **Housing:** Thermoplastic or metal alloy designed to withstand soldering temperatures (Reflow soldering). 2. **Contacts:** Gold-plated phosphor bronze or copper alloy to ensure high conductivity and corrosion resistance. 3. **Latch Mechanism:** A "Push-Pull" or "Snap-on" mechanism to ensure the connection does not vibrate loose in industrial environments. --- ### 4. Typical Applications These parts are commonly found in the following electronic assemblies: * **Network Switches:** Used in the physical interface layer for data transfer. * **Telecommunication Base Stations:** For routing high-frequency signals. * **Medical Imaging Equipment:** Where high-speed data transmission with low interference is required. * **Testing Equipment:** Used as a reliable interface for RF testing modules. --- ### 5. Soldering and Handling | Parameter | Value | | :--- | :--- | | **Reflow Temperature** | Peak 260°C (Standard for Lead-Free) | | **Durability** | Typically rated for 500+ mating cycles | | **Operating Temp** | -40°C to +85°C |
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the FLCS-2F-R specifically for your application?
    • ⤷ What is the specific frequency range or data rate required for your project?
    • ⤷ Are you looking for a pinout diagram or a 3D CAD model of this part?