Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-3A-R/K

  • AI
    The **FLCS-3A-R/K** is a specific series of fiber optic components, typically categorized as **Fiber Optic Connectors** or **Adapters** (specifically LC Duplex types) often used in telecommunications and networking hardware. In electronic and optical engineering, these parts serve as the physical interface for high-speed data transmission via light pulses. ### 1. Technical Specifications The following table outlines the general electronic and physical characteristics associated with the FLCS series: | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type** | LC Duplex | Small Form Factor (SFF) connector for high-density applications. | | **Fiber Mode** | Singlemode / Multimode | Dependent on the specific suffix (R/K). | | **Housing Material** | Thermoplastic/Metal | High-temperature resistance for PCB or panel mounting. | | **Insertion Loss** | < 0.20 dB (Typical) | Ensures minimal signal degradation across the connection. | | **Mounting Style** | Snap-in / Flange | Designed for easy integration into patch panels or electronic enclosures. | --- ### 2. Key Electronic Components & Functions While the FLCS-3A is primarily a passive mechanical component, its "electronic" role is critical in the signal chain: * **Ferrule Alignment:** The internal ceramic (zirconia) or metal sleeves ensure that the fiber cores (often as small as 9 microns) align perfectly. Any misalignment results in "Return Loss," which can damage sensitive laser diodes in the active electronics. * **EMI Shielding:** Certain variants (indicated by the 'K' or 'R' suffixes in some manufacturer catalogs) include metal internal shutters or conductive housings to prevent Electromagnetic Interference (EMI) from leaking through the port opening in a shielded enclosure. * **Polarity Management:** The Duplex nature (3A configuration) ensures that the "Transmit" (Tx) and "Receive" (Rx) paths remain isolated and correctly routed to the SFP/Transceiver modules. ### 3. Suffix Identification (R/K) In electronic component coding, these suffixes usually denote specific physical variations: * **-R:** Often signifies **RoHS Compliance** (Restriction of Hazardous Substances) or a specific **Radius** or **Rear-mount** configuration. * **-K:** Frequently denotes a **Keyed** connector (to prevent incorrect insertion) or a specific color coding (like Aqua for OM3/OM4 multimode). --- ### 4. Typical Application Circuit In a standard system, the FLCS-3A-R/K acts as the bridge between the external world and the internal PCB: `[External Fiber Optic Cable] <--> [FLCS-3A-R/K Adapter] <--> [Internal Fiber Jumper] <--> [SFP/SFP+ Transceiver] <--> [Microcontroller/Switch IC]`
    ✨ Follow-up Questions
    • ⤷ What is the difference in insertion loss between the R and K variants?
    • ⤷ Does the FLCS-3A-R/K support OM4 multi-mode fiber specifically?
    • ⤷ Are there specific mounting hole dimensions required for the FLCS-3A series?