Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-4G-R/K

  • AI
    The **FLCS-4G-R/K** is a specific series of industrial-grade networking hardware, typically categorized as an **Industrial 4G LTE Gateway/Router**. These devices are engineered to provide cellular connectivity for remote field equipment, commonly used in SCADA systems, smart grids, and IoT infrastructure. --- ### ## Technical Specifications Overview The following table outlines the core electronic components and interface specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Cellular Module** | 4G LTE Cat 4 / Cat 1 | Supports global bands with fallback to 3G/2G. | | **Processor** | Industrial RISC CPU | Optimized for low power consumption and high uptime. | | **Ethernet Ports** | 1 or 2 x RJ45 | 10/100 Mbps (Auto-sensing). | | **Serial Ports** | RS-232 / RS-485 | Used for Modbus RTU/TCP conversion. | | **I/O Ports** | Digital Input/Output | For remote monitoring and triggering alarms. | | **Antenna** | SMA Female | External high-gain antenna support. | | **Input Power** | 9V to 36V DC | Wide voltage range for industrial power supplies. | --- ### ### Key Electronic Subsystems #### 1. Communication Engine The heart of the device is an integrated cellular modem. In the "4G-R/K" variant, it typically supports **LTE-FDD/TDD** bands. The "R/K" designation often refers to specific regional certifications (e.g., Korea, Russia, or specific European regions) or hardware revisions related to the casing (DIN-rail vs. Desktop). #### 2. Protocol Converter (Gateway Logic) Unlike a standard home router, this electronic assembly includes firmware-level support for: * **Modbus Gateway:** Converts RS-485 serial data from sensors into MQTT or TCP/IP packets. * **VPN Tunneling:** Hardware-accelerated encryption for IPsec, OpenVPN, and GRE. #### 3. Protection Circuitry To survive harsh environments, the internal PCB includes: * **ESD Protection:** Protects Ethernet and Serial ports from static discharge. * **Surge Protection:** Built-in safeguards against voltage spikes on the power input. * **Watchdog Timer:** A hardware circuit that automatically reboots the module if the software hangs. --- ### ### Typical Application Diagram ```mermaid graph LR A[Field Sensor/PLC] -- RS-485/Modbus --> B(FLCS-4G-R/K) B -- 4G LTE Signal --> C{Cellular Tower} C -- Internet --> D[Central SCADA/Cloud] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific frequency bands supported by the R/K regional variant?
    • ⤷ Does this model support Dual-SIM failover for network redundancy?
    • ⤷ What is the operating temperature range for this specific hardware?