Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-51-R

  • AI
    The **FLCS-51-R** is an electronic component primarily classified as a **Fiber Optic Connector** or **Adapter**, specifically within the LC (Lucent Connector) family. These are critical in high-speed data communication and networking. --- ### 1. General Specifications The FLCS-51-R is designed for "Small Form Factor" applications, allowing for high-density connections in networking hardware. | Feature | Specification | | :--- | :--- | | **Connector Type** | LC (Simplex) | | **Mode** | Singlemode / Multimode (depends on specific housing) | | **Mounting Type** | Snap-in or Flange Mount | | **Material** | Plastic Housing with Ceramic or Metal Sleeve | | **Color Coding** | Typically Blue (Singlemode) or Beige/Aqua (Multimode) | --- ### 2. Key Electronic & Mechanical Parts While fiber optic components are passive (they do not require electricity to operate), they contain precision-engineered parts to ensure signal integrity: * **Alignment Sleeve:** The most critical internal part. It is usually made of **Zirconia Ceramic**. It ensures that the fiber cores (which can be as small as 9 microns) align perfectly to prevent signal loss. * **Housing/Body:** Made of high-grade engineering plastic (UL 94V-0 rated). It provides the mechanical "click" locking mechanism. * **Dust Caps:** Essential for protecting the internal ferrules from contaminants that could block the light signal. * **Mounting Clips:** Stainless steel clips that allow the part to be snapped into a patch panel or faceplate. --- ### 3. Functional Application In an electronic system, the FLCS-51-R serves as the interface between: 1. **SFP Transceivers:** Converting electrical signals to light. 2. **Fiber Patch Cables:** Transporting the light signal over long distances. 3. **Patch Panels:** Organizing the physical layer of a data center. --- ### 4. Comparison: LC vs. Older Connectors | Feature | LC (FLCS-51-R) | SC (Older Standard) | | :--- | :--- | :--- | | **Size** | 1.25mm Ferrule | 2.5mm Ferrule | | **Density** | High (Double the ports) | Standard | | **Locking** | RJ-45 Style Latch | Push-Pull | ---
    ✨ Follow-up Questions
    • ⤷ What is the insertion loss rating for the FLCS-51-R?
    • ⤷ Is the FLCS-51-R compatible with OM3 or OM4 multimode fibers?
    • ⤷ Does this component require specific tools for installation into a patch panel?