Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-52-R/Q

  • AI
    The **FLCS-52-R/Q** refers to a high-performance **Fiber Optic LC Duplex Connector/Adapter system**, typically utilized in high-density telecommunications and data networking environments. While the part itself is a passive mechanical component, it is critical to the signal integrity of the electronic systems it connects (such as SFP modules and switches). --- ### 1. Technical Specifications The "R/Q" designation usually refers to the color-coding and performance standards (often signifying **OM4/OM3 Multimode** or specific high-grade ferrule requirements). | Feature | Specification | | :--- | :--- | | **Connector Type** | LC Duplex (Small Form Factor) | | **Fiber Mode** | Multimode (OM3/OM4) or Singlemode (depending on internal ferrule) | | **Housing Material** | High-impact Polymer (RoHS compliant) | | **Insertion Loss** | Typically < 0.20 dB | | **Mounting** | Senior/Junior Flange or Snap-in | | **Standard Compliance** | TIA/EIA-604-10 (FOCIS-10) | --- ### 2. Key Electronic & Mechanical Components #### A. The Ceramic Ferrule (Zirconia) The most critical "part" is the internal sleeve. It ensures that the microscopic fiber cores align perfectly. In high-speed electronic networking (10G/40G/100G), even a 1-micron misalignment causes significant signal loss. #### B. Integrated Shutters (The "Q" suffix) Often, the "Q" in these part numbers indicates a **quad** or **internal shutter** mechanism. * **Function:** These shutters automatically block laser light when the connector is removed. * **Electronic Safety:** Protects technicians' eyes from high-power Class 1M infrared lasers used in optical transceivers. #### C. Housing and Latch The duplex housing is designed for "push-pull" mechanics, allowing for high-density spacing on electronic line cards where finger space is limited. --- ### 3. Application in Electronic Systems These parts serve as the physical interface for the following electronic hardware: 1. **SFP/SFP+ Transceivers:** The FLCS-52-R/Q connects directly into the optical ports of electronic transceivers. 2. **Patch Panels:** Used as the bridge between long-haul cabling and local electronic switches (e.g., Cisco, Juniper hardware). 3. **Data Center Distribution:** Essential for structured cabling supporting InfiniBand or Ethernet protocols. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **FLCS** | Fiber LC Standard/Simplex/Duplex series | | **52** | Specific series/dimension code (often relates to OM4 Aqua color) | | **R/Q** | **R**: Reduced footprint / **Q**: Quad or Shuttered version |
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the FLCS-52 series?
    • ⤷ How does the internal shutter mechanism improve safety in live networks?
    • ⤷ Is the FLCS-52-R/Q compatible with Singlemode OS2 fiber?