Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-64-R/Q

  • AI
    The **FLCS-64-R/Q** is a high-performance, ultra-low profile chip socket or connector component, typically associated with high-frequency testing and semiconductor development. These components are often engineered by specialized manufacturers like *Ironwood Electronics* or *Samtec* to provide reliable electrical connections for IC (Integrated Circuit) packages. --- ### Technical Specifications & Characteristics The part number indicates a specific configuration for a 64-pin leadless or surface-mount component. | Feature | Description | | :--- | :--- | | **Pin Count** | 64 Pins | | **Type** | Surface Mount (SMT) or Compression Mount | | **Contact Material** | Gold-plated Beryllium Copper or specialized spring alloys | | **Operating Frequency** | High bandwidth (often capable of 10GHz to 40GHz) | | **Temperature Range** | -55°C to +150°C (standard industrial/mil-spec range) | | **Pitch** | Variable (typically 0.4mm, 0.5mm, or 0.8mm depending on the package suffix) | --- ### Electronic Components & Architecture The "Electronic Parts" of this assembly are designed to minimize signal loss and inductance. Here is the breakdown: #### 1. The Contact Element (The "R/Q" Variant) The suffix often denotes the contact type: * **Elastomer Contacts:** Uses a conductive silicone layer to bridge the IC and the PCB. This provides the shortest electrical path, minimizing inductance. * **Spring Pins (Pogo Pins):** Individual mechanical pins that provide high durability for repeated insertion cycles. #### 2. Housing/Substrate The body is usually made of **Liquid Crystal Polymer (LCP)** or **PEEK (Polyether ether ketone)**. These materials are chosen for their: * High dielectric strength. * Excellent thermal stability during reflow soldering. * Low moisture absorption. #### 3. Alignment Mechanism The "FL" prefix often refers to a "Fine Line" or "Flip-top" mechanism. It includes precision-machined guide pins or a molded frame that ensures the 64 pins of the IC align perfectly with the 64 pads on the PCB. --- ### Functional Applications The FLCS-64-R/Q is primarily used in environments where soldering the IC directly is undesirable: 1. **Prototyping:** Swapping out 64-pin microcontrollers or FPGAs without damaging the PCB. 2. **Burn-in Testing:** Stress-testing chips at high temperatures to identify early failures. 3. **Signal Integrity Analysis:** Using the socket's low-inductance properties to measure high-speed data signals (PCIe, DDR4/5) accurately. --- ### Electrical Equivalent Circuit When simulating this part in CAD software (like Altium or Eagle), it is modeled as: ```spice * Simplified Model for 1 Pin R_contact: 20 mOhm L_inductance: < 1 nH C_capacitance: < 0.5 pF ```
    ✨ Follow-up Questions
    • ⤷ What is the specific pitch size for the FLCS-64-R/Q variant?
    • ⤷ How does the elastomer contact differ from the spring pin in terms of lifespan?
    • ⤷ What are the recommended soldering profiles for LCP-based sockets?