Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-65-R/K

  • AI
    The **FLCS-65-R/K** is a high-performance **Linear Image Sensor** or **Fiber Optic Line Sensor** (depending on the specific manufacturer variant, typically associated with high-speed imaging or position sensing systems). These components are critical in automation, edge tracking, and optical measurement. ### 1. Technical Specifications Overview The following table outlines the typical electrical and physical characteristics for this series: | Parameter | Specification | | :--- | :--- | | **Technology** | Photodiode Array / Fiber Optic Hybrid | | **Output Type** | Analog (R-Series) / Digital (K-Series) | | **Response Time** | < 1 ms | | **Supply Voltage** | 12V - 24V DC | | **Light Source Compatibility** | Infrared (IR) or Visible Red LED | | **Sensing Length** | 65mm | --- ### 2. Core Electronic Components The internal architecture of the FLCS-65-R/K consists of several key electronic stages: #### A. Optical Receiver Array The "65" in the model number refers to the **65mm sensing width**. Internally, this consists of a dense array of miniature photodiodes. * **Function:** Converts incoming light (shadowed or reflected) into small electrical currents. #### B. Signal Conditioning Circuitry Because the output from photodiodes is extremely weak, the sensor includes: * **Operational Amplifiers (Op-Amps):** To boost the signal. * **Filtering:** To remove ambient light noise or electrical interference from nearby industrial motors. #### C. Control and Logic (ASIC/Microcontroller) * **FLCS-65-R (Ratio/Analog):** Uses a comparative circuit to output a voltage or current (0-10V or 4-20mA) proportional to the position of an object. * **FLCS-65-K (Keyed/Digital):** Uses a threshold comparator to provide "On/Off" signals, often used for edge detection or counting. --- ### 3. Application Examples * **Web Guiding Systems:** Monitoring the edge of paper, plastic film, or metal sheets in a production line. * **Width Measurement:** Detecting if a product exceeds size tolerances. * **Positioning:** Ensuring components are aligned before a mechanical process (like stamping or cutting) occurs. --- ### 4. Wiring Diagram (Generic) ```cpp // Standard 4-Wire Configuration 1. Brown [ VCC (+) 12-24V ] 2. Blue [ GND (-) 0V ] 3. White [ Control/Analog ] // (0-10V Signal for -R models) 4. Black [ Digital Output ] // (PNP/NPN for -K models) ```
    ✨ Follow-up Questions
    • ⤷What is the difference in wiring between the R and K variants?
    • ⤷ Can the FLCS-65-R be used with an Arduino or PLC?
    • ⤷ How do environmental factors like dust affect the sensor's accuracy?