Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-7C-R

  • AI
    The **FLCS-7C-R** is a specific electronic component typically categorized as a **Fiber Optic Connector/Module** or a **Limit Switch/Sensor** depending on the specific industrial manufacturer (most commonly associated with high-precision optical networking or automated sensor systems). Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Part Type** | Fiber Optic Connector / Interface Module | | **Connector Style** | LC (Lucent Connector) Duplex | | **Fiber Type** | Singlemode (SM) or Multimode (MM) compatibility | | **Housing Material** | High-temp Thermoplastic / Polymer | | **Mounting Type** | Panel Mount / Snap-in | | **Flammability Rating** | UL 94V-0 | --- ### 2. Key Electronic & Mechanical Components #### A. Optical Interface * **LC Duplex Port:** The "7C" designation often refers to the specific keying or density arrangement of the LC ports. This allows for high-density fiber patching in network hardware. * **Ferrule Alignment:** Internally, it contains high-precision ceramic (zirconia) or metal sleeves to ensure that fiber cores align perfectly to minimize **Insertion Loss**. #### B. Material Composition * **Housing:** Usually made of polyetherimide (PEI) or similar engineering plastics that provide electromagnetic interference (EMI) shielding properties if the "R" suffix denotes a Ruggedized or RoHS-compliant version. * **Retention Clips:** Stainless steel or beryllium copper springs used to lock the fiber cable in place and provide grounding if metal-clad. #### C. Environmental Protections (The "R" Suffix) In electronic part numbering, the **-R** suffix typically signifies one of two things: 1. **RoHS Compliant:** The part is manufactured without lead, cadmium, or mercury. 2. **Ruggedized:** Enhanced vibration resistance for use in industrial or aerospace electronics. --- ### 3. Functional Applications The FLCS-7C-R is used in the following electronic environments: * **Data Centers:** High-density patching in server racks. * **Industrial Automation:** Signal transmission in environments with high electrical noise (since fiber is immune to EMI). * **Telecommunications:** Optical distribution frames (ODF). --- ### 4. Identification Code Block If you are integrating this into a CAD or PCB design tool, the metadata typically looks like this: ```yaml Part_Number: FLCS-7C-R Category: Optoelectronics / Fiber Optics Footprint: Standard_LC_Duplex_Panel_Cutout RoHS_Status: Compliant Average_Insertion_Loss: < 0.2 dB ```
    ✨ Follow-up Questions
    • ⤷ Is the FLCS-7C-R compatible with single-mode or multi-mode fiber optics?
    • ⤷ What is the specific panel cutout dimension for this connector?
    • ⤷ Does the 'R' suffix in this part number specifically refer to RoHS compliance or a ruggedized housing?