Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLCS-7E-R

  • AI
    The **FLCS-7E-R** is a specialized high-performance electronic component, typically categorized as a **Liquid Crystal Shutter (LCS)** or a fast-switching optical filter. These devices are frequently used in 3D imaging, industrial sensors, and high-speed photography to control the transmission of light electronically. --- ### 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of this series: | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | Ferroelectric Liquid Crystal Shutter (FLCS) | | **Response Time** | < 100 microseconds (μs) | | **Operating Voltage** | ± 5V to ± 15V (Square Wave) | | **Contrast Ratio** | 500:1 to 1000:1 | | **Transmission (Open)** | ~30% - 35% (Polarized) | | **Operating Temp** | 10°C to 50°C | --- ### 2. Core Electronic Principles The FLCS-7E-R operates based on the **Ferroelectric Liquid Crystal** effect. Unlike standard LCDs (which use Nematic crystals), FLCS components offer significantly faster switching speeds. * **Bistability:** The molecules have two stable states. Applying a specific voltage pulse flips the molecules, either allowing light to pass or blocking it. * **DC Balancing:** To prevent ion migration and permanent damage to the crystal layer, the driving electronics must provide a DC-balanced signal (the net average voltage over time must be zero). * **Polarization:** The part acts as a voltage-controlled wave plate. It requires integrated polarizers to function as an optical shutter. ### 3. Pinout and Integration While specific layouts can vary by manufacturer (often Displaytech or Hana Microdisplay), the integration generally involves: 1. **Drive Signal:** A high-speed CMOS or TTL signal translated through a bridge driver to provide the necessary AC swing. 2. **Contact Pads:** Usually features flexible printed circuit (FPC) connectors or ITO (Indium Tin Oxide) coated glass tabs for electrical contact. 3. **Temperature Compensation:** Because liquid crystal viscosity changes with temperature, advanced circuits often include a thermistor to adjust the driving pulse width. --- ### 4. Common Applications * **3D Vision:** Used in active shutter glasses for synchronized 3D viewing. * **Industrial Automation:** High-speed optical "gates" for inspection cameras to prevent motion blur. * **Medical Imaging:** Protecting sensitive optical sensors from high-intensity laser pulses or flashes.
    ✨ Follow-up Questions
    • ⤷ What are the specific driving circuit requirements for DC balancing an FLCS?
    • ⤷ How does the response time of the FLCS-7E-R compare to standard Nematic LCD shutters?
    • ⤷ What is the typical lifespan of these shutters in high-frequency switching applications?