Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-06-R

  • AI
    The **FLM-06-R** is an electronic component primarily classified as a **High-Power LED Module** or a specialized **LED Driver Interface**, depending on the manufacturer (most commonly associated with lighting control solutions like those from Future Lighting Solutions or specific industrial sensor modules). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The FLM-06-R is typically designed for high-efficiency power management within lighting systems. | Feature | Specification | | :--- | :--- | | **Component Type** | Constant Current LED Module / Driver | | **Output Current** | Typically 600mA (indicated by the "06") | | **Mounting Type** | Surface Mount (SMD) or Plug-in | | **RoHS Compliant** | Yes | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Electronic Parts & Composition The internal circuitry of a module like the FLM-06-R generally consists of the following electronic stages: #### A. Power Regulation (IC) * **DC-DC Converter:** Uses a switching regulator to convert input voltage to a stable constant current. * **PWM Control:** Supports Pulse Width Modulation for dimming capabilities without flickering. #### B. Passive Components * **Inductors:** Used for energy storage during the switching process to smooth out current ripples. * **Capacitors (MLCC/Electrolytic):** Filter input/output noise and stabilize the voltage bus. * **Precision Resistors:** Used as "Sense Resistors" to monitor the output current and provide feedback to the controller. #### C. Protection Circuitry * **TVS Diodes:** Protects the module against transient voltage spikes. * **Thermal Cut-off:** Sensors that reduce current if the board temperature exceeds safe limits. --- ### 3. Connection Pinout (Typical) While specific pinouts vary by manufacturer, a standard "R" series module usually follows this logic: | Pin Name | Function | Description | | :--- | :--- | :--- | | **V+** | Input Power | Positive DC supply (usually 12V-48V) | | **GND** | Ground | Common negative return | | **LED+** | Output | Positive terminal to LED string | | **DIM** | Control | Analog or PWM signal for brightness control | --- ### 4. Technical Schematic Concept In a simplified view, the circuit operates as follows: ```mermaid graph LR A[DC Input] --> B[Input Filter] B --> C[Switching Regulator] C --> D[Current Sense] D --> E[LED Output] F[PWM Dimming] --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the FLM-06-R?
    • ⤷ Is the FLM-06-R compatible with TRIAC dimming or only PWM?
    • ⤷ Can this module be used in series for higher voltage applications?