Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-155-R

  • AI
    The **FLM-155-R** is a specific Small Form-factor Pluggable (SFP) transceiver module primarily used in SONET/SDH fiber optic communication networks. It is designed to convert electrical signals into optical signals (and vice versa) at data rates of approximately 155 Mbps. --- ### 1. Key Technical Specifications The following table outlines the fundamental electronic and optical characteristics of the FLM-155-R: | Feature | Specification | | :--- | :--- | | **Data Rate** | 155 Mbps (OC-3 / STM-1) | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Wavelength** | Usually 1310 nm (Standard Reach) | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Distance Support** | Up to 15km - 40km (model variant dependent) | | **Interface** | Duplex LC Connector | | **Voltage Supply** | 3.3V | --- ### 2. Electronic Component Breakdown The internal architecture of the FLM-155-R consists of several critical electronic sub-systems: #### A. The Transmitter Path (Electrical to Optical) * **Laser Driver:** An integrated circuit (IC) that receives differential PECL or CML electrical signals from the host equipment and modulates the laser diode. * **Laser Diode (TOSA):** Typically a Fabry-Perot (FP) or Distributed Feedback (DFB) laser. It converts the modulated electrical current into light pulses. #### B. The Receiver Path (Optical to Electrical) * **Photodiode (ROSA):** Usually a PIN photodiode that detects incoming light and converts it into a small photo-current. * **Transimpedance Amplifier (TIA):** Converts the small current from the photodiode into a usable differential voltage signal. * **Limiting Amplifier:** Quantizes the signal to ensure a clean square-wave output for the host system. #### C. Management & Control * **EEPROM:** A non-volatile memory chip containing identification data (vendor name, serial number, part number) and configuration parameters. * **Microcontroller / Control Logic:** Manages the "Hot Plug" functionality and monitoring functions. --- ### 3. Pin Configuration (SFP Standard) The FLM-155-R follows the standard SFP 20-pin electrical interface. Below are the most critical electronic pins: | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | VeeT | Transmitter Ground | | **2** | TX_Fault | Indicates Laser failure or malfunction | | **3** | TX_Disable | Input to turn off the optical output | | **4 & 5** | SDA / SCL | I2C Serial Interface for EEPROM access | | **12 & 13** | RD- / RD+ | Differential Receiver Data Output | | **15** | VccR | +3.3V Receiver Power Supply | | **16** | VccT | +3.3V Transmitter Power Supply | | **18 & 19** | TD+ / TD- | Differential Transmitter Data Input | --- ### 4. Applications * **SONET/SDH:** Specifically for OC-3 (Optical Carrier) and STM-1 (Synchronous Transport Module) hierarchies. * **Fast Ethernet:** Can often be configured for 100Base-FX applications. * **Metropolitan Area Networks (MAN):** Connecting edge routers to core optical switches.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1310nm and 1550nm versions of this module?
    • ⤷ Does the FLM-155-R support Digital Optical Monitoring (DOM)?
    • ⤷ Can this module be used in a standard Gigabit Ethernet SFP port?