Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-166-R/Q

  • AI
    The **FLM-166-R/Q** is a high-power GaAs (Gallium Arsenide) Field Effect Transistor (FET) specifically designed for **C-band** satellite communications and radar applications. It is a microwave power amplifier component optimized for high gain and linearity. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typical of the FLM-166-R/Q series: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 5.85 GHz to 6.75 GHz (Standard C-Band) | | **Output Power ($P_{1dB}$)** | 4 Watts (approx. 36.5 dBm) | | **Linear Gain ($G_L$)** | 9.0 dB to 10.0 dB | | **Efficiency ($\eta_{add}$)** | 25% - 30% | | **Thermal Resistance ($R_{th}$)** | 4.5 °C/W | | **Package Type** | Hermetically sealed, metal-ceramic (Case Style: IK) | --- ### 2. Internal Electronic Structure The device is internally matched, meaning it includes passive components inside the package to simplify integration for engineers: * **GaAs FET Chip:** The core semiconductor material allows for higher electron mobility compared to Silicon, enabling operation at microwave frequencies. * **Internal Matching Circuits:** It contains internal LC (Inductor-Capacitor) networks to match the input and output impedance to **50 Ohms**. This reduces the need for complex external tuning on the PCB. * **Schottky Barrier Gate:** Utilized for high-speed switching and power handling. --- ### 3. Pin Configuration and Biasing To operate the FLM-166-R/Q, specific biasing conditions must be met: ```text Pin 1: Gate (Vgs) - Control Voltage (Negative) Pin 2: Source (GND) - Connected to the metal flange/case Pin 3: Drain (Vds) - Power Supply (Positive, typically 10V) ``` **Biasing Procedure:** 1. **Vgs (Gate):** Must be applied first (typically -5V) to "pinch off" the device. 2. **Vds (Drain):** Applied second (typically 10V). 3. **Adjustment:** Gradually increase Vgs toward 0V until the desired quiescent drain current ($I_{dsq}$) is reached. --- ### 4. Applications The electronic properties of this part make it ideal for: * **VSAT (Very Small Aperture Terminals):** Satellite ground stations. * **Transponders:** Signal relay in space communications. * **Point-to-Point Radio:** High-capacity microwave links. ---
    ✨ Follow-up Questions
    • ⤷What are the specific cooling requirements for the FLM-166-R/Q during high-power operation?
    • ⤷ How does the 'Q' suffix in the part number differ from the 'R' suffix?
    • ⤷ What are the common failure modes of GaAs FETs in C-band applications?