Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-35W-R

  • AI
    ## Technical Overview: FLM-35W-R The **FLM-35W-R** is a high-performance **Gallium Arsenide (GaAs) Field Effect Transistor (FET)**, specifically an Internally Matched Power FET. It is primarily designed for C-band satellite communications and radar applications. --- ### 1. Key Technical Specifications The following table summarizes the core electronic characteristics of the FLM-35W-R: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Frequency Range** | 3.4 – 3.9 | GHz | | **Output Power (P1dB)** | 35.5 (Typical) | dBm | | **Linear Gain (GL)** | 11.0 (Typical) | dB | | **Drain-Source Voltage (VDS)** | 10 | V | | **Drain Current (IDS)** | 2200 | mA | | **Efficiency (ηd)** | 37 (Typical) | % | | **Thermal Resistance (Rth)** | 3.0 | °C/W | --- ### 2. Core Electronic Features #### A. Internal Matching The "M" in FLM indicates that the device is **internally matched**. This means it contains integrated circuitry (LC networks) to match the input and output impedance to 50 ohms within its operating bandwidth. This simplifies the PCB design significantly by reducing the need for external tuning components. #### B. GaAs Schottky Gate Technology The device utilizes Gallium Arsenide technology, which offers superior electron mobility compared to standard Silicon. This allows for: * High gain at microwave frequencies. * Lower noise figures. * Better efficiency at high power levels. #### C. Hermetic Packaging The "R" suffix often denotes a specific package style or reliability rating. These parts are typically housed in a **hermetically sealed ceramic package** (metal-ceramic) to protect the GaAs die from moisture and environmental contaminants, ensuring long-term reliability in infrastructure applications. --- ### 3. Absolute Maximum Ratings To prevent permanent damage, the following limits must be observed: | Symbol | Parameter | Rating | Unit | | :--- | :--- | :--- | :--- | | $V_{DS}$ | Drain-Source Voltage | 15 | V | | $V_{GS}$ | Gate-Source Voltage | -5 | V | | $P_{diss}$ | Total Power Dissipation | 42.8 | W | | $T_{ch}$ | Channel Temperature | 175 | °C | | $T_{stg}$ | Storage Temperature | -65 to +175 | °C | --- ### 4. Application Circuit Considerations When integrating the FLM-35W-R, engineers must focus on: 1. **Thermal Management:** Due to the high power dissipation, a substantial heat sink and thermal interface material (TIM) are required. 2. **Biasing Sequence:** GaAs FETs are sensitive. It is standard practice to **apply negative Gate voltage ($V_{GS}$)** before applying Drain voltage ($V_{DS}$) to prevent a current surge that could destroy the device. 3. **RF Grounding:** The bottom of the package serves as the RF ground and must be securely soldered or bolted to a ground plane.
    ✨ Follow-up Questions
    • ⤷ What are the specific biasing steps required to safely power on this GaAs FET?
    • ⤷ How does the FLM-35W-R compare to GaN (Gallium Nitride) alternatives in terms of efficiency?
    • ⤷ Can you provide the physical dimensions and mounting footprint for this package?