Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-C1-R

  • AI
    The **FLM-C1-R** is an electronic component primarily associated with industrial automation, specifically within the **Fincor/Emerson** drive systems or certain specialized sensor/interface modules. It is typically identified as a **Relay Interface Module** or a **Control Interface Board**. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The FLM-C1-R serves as a bridge between low-level logic signals (from a PLC or Controller) and high-power execution devices (like motors or actuators). | Feature | Description | | :--- | :--- | | **Component Type** | Relay Output Module / Interface Board | | **Mounting Type** | DIN Rail or Panel Mount | | **Contact Form** | Typically SPDT (Single Pole Double Throw) | | **Signal Input** | 24V DC (Standard Logic level) | | **Switching Capacity** | Varies by version, usually up to 250V AC / 30V DC | --- ### 2. Electronic Components & Architecture The module consists of several key electronic sections designed for isolation and switching: #### A. Input Stage (Logic Side) * **Optocouplers:** Often used to provide galvanic isolation between the control system and the output relays to prevent electrical noise from damaging the controller. * **Status LEDs:** Indicators (usually Green or Red) that illuminate when the input signal is active, allowing for easy troubleshooting. #### B. Switching Stage (Output Side) * **Electromechanical Relays:** These provide the physical "click" and connection for the load. * **Flyback Diodes:** Positioned across the relay coils to dissipate the inductive spike (back-EMF) when the relay is de-energized, protecting the driving transistors. #### C. Connectivity * **Screw Terminals:** Robust connectors designed for industrial-grade wiring (14-22 AWG). * **Trace Protection:** The PCB usually features thick copper traces or conformal coating to handle higher currents and resist environmental humidity. --- ### 3. Application Use Cases * **Motor Control:** Providing the start/stop signal to a Variable Frequency Drive (VFD). * **Isolation:** Protecting a sensitive PLC output from a noisy or high-voltage external circuit. * **Signal Multiplication:** Using one logic output to trigger multiple physical contacts. --- ### 4. Safety and Maintenance When working with the **FLM-C1-R**, ensure the following: 1. **Voltage Matching:** Verify if the coil voltage is 24VDC or 120VAC, as using the wrong input will burn the component. 2. **Contact Rating:** Do not exceed the rated Amperage (typically 5A to 10A depending on the specific revision). 3. **Polarity:** For DC input models, ensure the common and signal wires are correctly mapped to prevent reverse-polarity protection triggers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the FLM-C1-R relay contacts?
    • ⤷ How do I wire a PLC to the FLM-C1-R input terminals?
    • ⤷ Are there solid-state alternatives to the FLM-C1-R for high-speed switching?