Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-CD-R/Q

  • AI
    The **FLM-CD-R/Q** refers to a specific electronic component often associated with **Fire Alarm Control Systems**, specifically manufactured by brands like **Honeywell** or **Notifier** (as part of the FlashScan or CLIP series). It is typically a **Dual Input Monitor Module** or a **Relay/Control Module** designed for integration into an addressable SLC (Signaling Line Circuit) loop. Below is an explanation of its core electronic characteristics and functionality. --- ### 1. Technical Specifications The device acts as an interface between the central control panel and external fire safety hardware. | Feature | Specification | | :--- | :--- | | **Communication Protocol** | Addressable (FlashScan or CLIP) | | **Operating Voltage** | 15 to 32 VDC (SLC Loop) | | **Current Consumption** | ~300μA (Standby); ~6.5mA (Alarm/LED on) | | **Relay Contact Rating** | 2.0A @ 30VDC; 0.5A @ 125VAC (Resistive) | | **Temperature Range** | 32°F to 120°F (0°C to 49°C) | | **Humidity** | 10% to 93% non-condensing | --- ### 2. Core Electronic Components The internal PCB of the FLM-CD-R/Q consists of several key stages: #### A. Addressable Communication IC This is the "brain" of the module. It decodes the digital signals from the main Fire Alarm Control Panel (FACP). Each module is assigned a unique address via **Rotary Switches** (usually 01-159). #### B. Switching Relay (The "R" in the suffix) The module contains a physical or solid-state relay. When the control panel sends a command, the relay toggles to: * Activate notification appliances (horns/strobes). * Shut down HVAC fans. * Release door holders. #### C. Supervisory Circuit The "Input" side of the module monitors the integrity of the wiring. It uses an **EOL (End-of-Line) Resistor** (typically 47K Ohm) to detect: * **Normal:** Correct resistance. * **Open Circuit:** High resistance (wiring break). * **Short Circuit:** Low resistance (fault). #### D. LED Indicators * **Green:** Typically blinks to indicate the module is polling/communicating with the panel. * **Red:** Latches steady to indicate an active/alarm state. --- ### 3. Wiring Diagram Concept The module interfaces with three distinct paths: 1. **SLC Loop (Input):** Connects to the main fire panel for data and power. 2. **External Power (Optional):** If driving heavy loads, external 24VDC is required. 3. **Controlled Device (Output):** The terminals for the equipment being switched. ```mermaid graph LR A[FACP Loop] --- B[FLM-CD-R/Q Module] B --- C[Relay Contacts] C --- D[Door Holder / Fan] B --- E[Supervised Input] E --- F[Flow Switch / Manual Station] ``` --- ### 4. Key Applications * **HVAC Control:** Triggering smoke dampers. * **Elevator Recall:** Sending a signal to the elevator controller during a fire event. * **Monitoring:** Checking the status of dry-contact devices like water flow switches.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FlashScan and CLIP protocols for this module?
    • ⤷ How do you set the hardware address on the FLM-CD-R/Q?
    • ⤷ What is the specific value of the End-of-Line resistor required for this module?