Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-HA-R

  • AI
    The **FLM-HA-R** is an Electronic Control Unit (ECU) primarily used in specialized automotive and heavy-duty machinery applications, often associated with headlight leveling systems or advanced chassis control. Below is a breakdown of its electronic components and architectural characteristics. --- ### 1. Core Electronic Architecture The device is built using a combination of high-reliability surface-mount components (SMD) designed to withstand harsh environments. | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 16-bit or 32-bit Automotive Grade Processor | Processes sensor inputs and calculates actuator positions. | | **Voltage Regulators** | LDO (Low Dropout) Regulators | Converts vehicle battery voltage (12V/24V) to stable logic levels (3.3V/5V). | | **CAN Transceiver** | ISO 11898 compliant IC | Handles communication between the FLM-HA-R and the vehicle's central gateway. | | **H-Bridge Drivers** | High-current MOSFET drivers | Controls the DC motors or stepper motors for mechanical adjustment. | --- ### 2. Input/Output (I/O) Specification The electronic circuitry is designed to interface with specific external hardware: * **Inputs:** * **Level Sensors:** Reads PWM or Analog signals from axle sensors to determine vehicle pitch. * **Speed Signal:** Receives VSS (Vehicle Speed Sensor) data via CAN bus to prevent jitter during acceleration. * **Outputs:** * **Actuator Drive:** Delivers power to the leveling motors located within the headlight assemblies. * **Diagnostic Pin:** Provides feedback to the OBD-II system for fault detection. --- ### 3. Protection Circuitry Because this part is used in automotive electronics, the internal PCB includes several protective layers: * **TVS Diodes:** Transient Voltage Suppressors to protect against "Load Dump" and voltage spikes. * **Reverse Polarity Protection:** Usually a series diode or P-channel MOSFET to prevent damage if the battery is connected backwards. * **EMI/EMC Filtering:** Ferrite beads and decoupling capacitors to minimize electromagnetic interference with the vehicle's radio and sensors. --- ### 4. Technical Summary Table | Parameter | Specification (Typical) | | :--- | :--- | | **Operating Voltage** | 9V - 16V DC | | **Communication Protocol** | CAN Bus (High Speed) | | **Operating Temp Range** | -40°C to +85°C | | **Housing Material** | PBT-GF30 (Glass fiber reinforced plastic) | | **Connector Type** | Multi-pin Sealed Automotive Connector |
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the FLM-HA-R module?
    • ⤷ How do you calibrate the FLM-HA-R after replacement?
    • ⤷ What is the specific pinout for the FLM-HA-R connector?