Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-J2-R

  • AI
    The **FLM-J2-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current filtering component, often associated with manufacturers like Sumida or specific automotive/industrial suppliers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The FLM series is designed for power management circuits where compact size and high efficiency are required. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Ferrite or Metal Composite (depending on sub-series) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | | **Typical Application** | DC-DC Converters, LED Drivers, Power Supplies | --- ### 2. Key Electrical Parameters While exact values can vary based on the manufacturer's specific datasheet for the "J2-R" revision, the following parameters define its performance: * **Inductance Value:** Measured in Microhenries (µH). The "J" or "2" in the suffix often denotes specific inductance tolerances or values. * **DC Resistance (DCR):** Usually measured in Milliohms (mΩ). Lower DCR indicates higher efficiency and less heat generation. * **Saturation Current ($I_{sat}$):** The current at which the inductance drops by a specific percentage (usually 20-30%). * **Rated Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C) above ambient. --- ### 3. Structural Features The "R" in the suffix often indicates **RoHS Compliance** or **Taped and Reeled** packaging for automated pick-and-place assembly. 1. **Shielding:** The part is enclosed in a magnetic shield to ensure that electromagnetic interference (EMI) does not affect surrounding sensitive components. 2. **Terminations:** Solder-plated leads (usually Tin) designed for reflow soldering. 3. **Flat Top:** Designed for vacuum nozzles in automated assembly lines. --- ### 4. Typical Application Circuit In a standard Buck (Step-Down) Converter, the FLM-J2-R serves as the energy storage element. ```mermaid graph LR Input[DC Input] --> Switch(MOSFET) Switch --> Inductor[FLM-J2-R Inductor] Inductor --> Capacitor(Output Cap) Capacitor --> Load(Device) ``` --- ### 5. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **FLM** | Series identifier (High current/Power inductor) | | **J2** | Case size or Inductance Code (specific to manufacturer catalog) | | **R** | RoHS Compliant / Taped & Reeled packaging |
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and tolerance for the J2-R variant?
    • ⤷ Which manufacturer produces the FLM-J2-R series?
    • ⤷ What are the footprint dimensions for this SMD component?