Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-K0-R

  • AI
    The **FLM-K0-R** is an electronic component primarily associated with **Sensata-Kavlico** pressure sensor series. Specifically, it refers to a specialized **flexible lead-frame** or **termination module** used in industrial and automotive pressure transducers. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The FLM-K0-R is designed to provide a robust electrical connection between a sensing element (such as a ceramic capacitive or piezoresistive bridge) and the external output pins. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Sensata Technologies (Kavlico) | | **Component Type** | Lead-frame / Connector Interface | | **Primary Application** | P4000 & P1A Pressure Sensor Series | | **Termination Style** | Flexible Ribbon / Pin Array | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ## 2. Technical Characteristics ### Electrical Interface * **Signal Path:** It acts as a bridge for low-voltage differential signals from the sensor diaphragm to the integrated signal conditioner (ASIC). * **Conductivity:** Uses high-grade copper alloys with gold or tin plating to ensure low contact resistance and prevent oxidation. * **Pinout:** Usually configured for a 3-wire system (Vcc, Ground, and Vout). ### Mechanical & Material Properties * **Flexibility:** The "FLM" designation often indicates a **Flexible Lead Module**. This allows the component to absorb mechanical vibrations and thermal expansion without stressing the solder joints. * **Temperature Stability:** Rated for operation in harsh environments, typically ranging from **-40°C to +125°C**. * **Mounting:** Integrated into the sensor housing via ultrasonic welding or precision soldering. --- ## 3. Typical System Integration In a standard pressure sensor assembly, the FLM-K0-R sits between the sensing diaphragm and the external connector (like a Packard or M12 connector). ### Typical Signal Flow: 1. **Sensing Element:** Detects physical pressure and converts it to a micro-voltage. 2. **FLM-K0-R Interface:** Transfers the signal to the internal PCB. 3. **Conditioning (ASIC):** Amplifies and linearizes the signal to a standard 0.5V - 4.5V output. 4. **External Pins:** The final output delivered to the ECU or PLC. --- ## 4. Key Advantages * **Vibration Resistance:** The flexible nature of the lead-frame prevents "metal fatigue" common in rigid wire connections. * **Miniaturization:** Its low-profile design allows for the production of compact, small-form-factor sensors. * **Reliability:** The 'R' version denotes modern environmental compliance, ensuring long-term stability in industrial chemical exposures.
    ✨ Follow-up Questions
    • ⤷ What are the compatible sensor series for the FLM-K0-R?
    • ⤷ How does the flexible lead-frame improve sensor longevity compared to rigid pins?
    • ⤷ What are the soldering requirements for integrating this part into a custom PCB?