Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FLM-K5-R

  • AI
    Based on the technical designation, the **FLM-K5-R** typically refers to a high-speed, high-precision industrial galvanometer-based laser scanning head (or "scan head"), often utilized in fiber laser marking systems. Below is a breakdown of its core electronic and electromechanical components. --- ### 1. Core Component Analysis | Component | Description | Function | | :--- | :--- | :--- | | **Galvanometer Motors** | Dual high-speed moving magnet actuators. | Drives the X and Y mirrors to steer the laser beam. | | **Position Sensors** | High-resolution optical or capacitive encoders. | Provides real-feedback to the driver board to ensure accuracy. | | **Driver Board (Servo)** | Integrated analog or digital control PCB. | Translates command signals into current to move the motors. | | **Mirrors** | Dielectric or metallic coated silicon/fused silica. | Reflects the laser beam with minimal thermal absorption. | --- ### 2. Electronic Specifications The performance of the FLM-K5-R is defined by its electronic response times and signal processing capabilities: * **Input Interface:** Usually supports **XY2-100** digital protocol (standard for laser controllers). * **Tracking Error:** Minimal lag (typically measured in microseconds) between command and actual position. * **Power Supply:** Generally requires a dual-rail DC input (e.g., $\pm 15V$ or $\pm 24V$). * **Step Response Time:** The time taken for the electronic drivers to stabilize the mirrors after a position change (often $<0.3ms$ for small angles). --- ### 3. Connection and Wiring The electronic integration typically involves three main ports: 1. **Power Port:** Supplies the high-current DC needed for the high-frequency oscillation of the motors. 2. **Signal Port:** A DB15 or similar connector that receives the XY2-100 digital data from the Laser Control Card (e.g., JCZ EZCAD boards). 3. **Grounding:** Crucial for industrial environments to prevent EMI (Electromagnetic Interference) from affecting the analog feedback sensors. --- ### 4. Technical Features * **Thermal Stability:** The internal electronics include temperature compensation to prevent "drift" as the motors heat up during long production runs. * **High Speed:** Optimized for marking speeds exceeding 7,000 mm/s depending on the F-Theta lens used. * **Compact Design:** The "R" variant often implies a specific housing orientation or a refined, compact internal circuitry layout for integration into small-footprint machines.
    ✨ Follow-up Questions
    • ⤷ What is the standard voltage requirement for the FLM-K5-R power supply?
    • ⤷ Which laser control cards are most compatible with this scan head?
    • ⤷ How do the dielectric mirrors differ from standard metallic mirrors in this unit?