Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FM-R

  • AI
    The term **FM-R** typically refers to an **FM Receiver** (Frequency Modulation Receiver) circuit. These systems are designed to intercept high-frequency radio waves, extract the audio information encoded through frequency variations, and amplify that signal for a speaker. Below is a breakdown of the essential electronic components found in a standard FM receiver. --- ### 1. Core Electronic Components Table | Component Type | Specific Part Example | Primary Function | | :--- | :--- | :--- | | **Antenna** | Telescopic Rod / Wire | Captures electromagnetic waves from the air. | | **Tuning Capacitor** | Variable Capacitor (Gang) | Adjusts the resonant frequency to select a specific station. | | **Inductor (Coil)** | Air-core Copper Coil | Works with the capacitor to form the LC Tank circuit. | | **Transistor** | 2N3904 / BF494 | Used for RF amplification and oscillation. | | **Integrated Circuit** | LM386 / TDA7000 | Acts as the audio amplifier or the entire radio-on-a-chip. | | **Resistors** | 10kΩ, 1kΩ, 470Ω | Limits current and sets the bias for transistors. | | **Capacitors** | Ceramic (10pF - 100nF) | Filters noise and couples signals between stages. | --- ### 2. Functional Blocks of an FM-R Circuit The architecture of an FM receiver is usually divided into several stages, each requiring specific electronic parts: #### A. The RF Front-End (The Tuner) This stage consists of the **LC Circuit** (Inductor and Capacitor). By changing the value of the variable capacitor, you change the resonance frequency to match the station you want to hear (88MHz - 108MHz). #### B. The Local Oscillator & Mixer In "Superheterodyne" receivers, a local oscillator generates a signal that mixes with the incoming RF signal. This converts the high frequency down to a fixed **Intermediate Frequency (IF)**, usually **10.7 MHz**, making it easier to process. #### C. The Discriminator (Detector) This is the heart of FM. Unlike AM (which uses a simple diode), FM requires a circuit (like a Ratio Detector or a Foster-Seeley Discriminator) to convert the **frequency changes** back into **voltage changes** (audio). #### D. Audio Amplifier The signal coming out of the detector is very weak. An IC like the **LM386** or a series of power transistors increases the signal power enough to drive a speaker or headphones. --- ### 3. Basic Circuit Diagram Concept (Textual Representation) ```text [Antenna] | [LC Tuning Circuit] ----> [RF Amplifier (Transistor)] | [Frequency Detector] | [Audio Volume Control] | [Audio Power Amp IC] ----> [Speaker] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Superheterodyne and a Direct Conversion FM receiver?
    • ⤷ How do I calculate the resonance frequency for an FM tuning circuit?
    • ⤷ What are the advantages of using a dedicated FM receiver IC like the TEA5767?