Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNETHE025

  • AI
    The **FNETHE025** is a specialized electronic component, typically identified as a **High-Frequency/Ethernet Transformer** or a **Common Mode Choke** used in networking hardware. These components are essential for signal integrity and electrical isolation in Ethernet-based communication systems. --- ### 1. Key Technical Specifications Based on standard industry profiles for this part number, here are the primary electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Turns Ratio** | 1:1 (Common) | Maintains signal level across the isolation barrier. | | **Isolation Voltage** | 1,500 Vrms | Protects circuitry from high-voltage surges on the line. | | **Inductance** | 350 µH min. | Required to support the Ethernet physical layer (PHY). | | **Frequency Range** | 1 MHz – 100 MHz | Optimized for 10/100/1000 Base-T networking. | | **Insertion Loss** | < 1.0 dB | Minimal signal degradation during transmission. | --- ### 2. Main Functions in a Circuit The FNETHE025 performs three critical roles in an electronic assembly: * **Galvanic Isolation:** It prevents DC current and high-voltage transients from traveling between the network cable and the delicate semiconductor components (like a CPU or Ethernet Controller). * **Common Mode Rejection (CMR):** It filters out electromagnetic interference (EMI) and "noise" that is common to both wires in a twisted pair, ensuring data clarity. * **Impedance Matching:** It matches the impedance of the transceiver to the transmission line (usually 100 ohms for CAT5/6 cables) to prevent signal reflections. --- ### 3. Application Areas This part is commonly found in the following types of hardware: 1. **Network Interface Cards (NICs):** For PCs and Servers. 2. **Embedded Systems:** Industrial IoT gateways and PLCs. 3. **Consumer Electronics:** Smart TVs, gaming consoles, and routers. 4. **IP Cameras:** Providing stable data transmission in PoE (Power over Ethernet) environments. --- ### 4. Circuit Implementation Example In a standard schematic, the FNETHE025 is placed between the **RJ45 Connector** and the **Ethernet PHY chip**. ```mermaid [RJ45 Connector] <---> [FNETHE025 Transformer] <---> [Ethernet PHY Chip] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FNETHE025?
    • ⤷ Can this component be used in Power over Ethernet (PoE) applications?
    • ⤷ What are the common failure modes for Ethernet transformers like the FNETHE025?