Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-10-R

  • AI
    ## Technical Analysis of the FNS-10-R The **FNS-10-R** is a specific model of a **Fused Terminal Block** (often manufactured by companies like IDEC or similar industrial component brands). It is primarily used in control panels to provide both a connection point for wiring and integrated overcurrent protection. --- ### 1. Key Electronic & Mechanical Specifications The following table outlines the core technical parameters typically associated with the FNS-10-R series: | Feature | Specification | | :--- | :--- | | **Component Type** | Fused Terminal Block (Rail Mounted) | | **Rated Voltage** | 250V AC/DC | | **Rated Current** | 10A (Maximum) | | **Fuse Size** | 5.2 x 20 mm (Glass or Ceramic) | | **Terminal Type** | Screw Pressure Clamp | | **Mounting Style** | 35mm DIN Rail | | **Indicator Light** | Optional (Neon or LED depending on suffix) | | **Housing Material** | Polyamide (Flame Retardant) | --- ### 2. Main Internal Components The FNS-10-R consists of several critical electronic and structural parts: 1. **Fuse Carrier (Hinged Lever):** * The "R" in the part number often signifies the **lever-style** (hinged) fuse holder. This allows for safe extraction of the fuse without touching live contacts. 2. **Conductive Busbars:** * Made of high-quality copper alloy with tin or nickel plating to ensure low contact resistance and prevent oxidation. 3. **Screw Clamping Mechanism:** * Hardened steel screws that provide high torque for securing solid or stranded wires (typically 22-12 AWG). 4. **Indicator Circuit (Model Specific):** * If equipped with an indicator, it contains a high-value resistor and a Neon bulb (for AC) or an LED (for DC) wired in parallel with the fuse. When the fuse blows, the circuit completes through the indicator, signaling a fault. --- ### 3. Functional Applications * **Circuit Protection:** Protects sensitive PLCs (Programmable Logic Controllers) or sensors from short circuits. * **Isolation:** The hinged lever acts as a local disconnect switch during maintenance. * **Space Management:** Combines a fuse holder and a terminal block into a single 8mm-10mm wide unit, saving DIN rail space. --- ### 4. Safety and Wiring Standards | Standard | Description | | :--- | :--- | | **UL/CSA Recognized** | Ensures the device meets North American safety standards for industrial control equipment. | | **IP20 Rating** | Provides "finger-safe" protection to prevent accidental contact with live electrical parts. | | **Vibration Resistance** | The screw clamps are designed to resist loosening in high-vibration industrial environments. | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FNS-10-R and the FNS-10-S models?
    • ⤷ How do I choose the correct replacement fuse for an FNS-10-R block?
    • ⤷ Does the FNS-10-R support blown fuse indication for 24V DC systems?