Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-12-R

  • AI
    The **FNS-12-R** is an electronic component primarily classified as a **high-current terminal block** or a **power distribution block**, often used in industrial automation, control panels, and electrical enclosures. Below is a detailed breakdown of its electronic parts and specifications. --- ## 1. Physical and Electrical Specifications The "FNS" series generally refers to modular terminal blocks designed for high reliability and ease of installation. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Fuse Terminal Block / Power Distribution | | **Current Rating** | Up to 12A - 15A (Dependent on fuse) | | **Voltage Rating** | 250V - 600V AC/DC | | **Mounting Type** | DIN Rail (35mm) | | **Termination Method** | Screw Clamp / Cage Clamp | | **Housing Material** | Polyamide (PA66) - Flame Retardant | --- ## 2. Key Electronic Components ### A. Conductive Busbar Inside the plastic housing is a high-conductivity copper or brass alloy busbar. - **Function:** Transfers the electrical current from the input wire to the output wire with minimal resistance. - **Plating:** Usually tin-plated to prevent oxidation and ensure long-term connectivity. ### B. Fuse Holder (The "F" in FNS) The FNS-12-R is specifically designed to house a protection fuse. - **Fuse Type:** Usually accepts 5x20mm or 6.3x32mm glass/ceramic fuses. - **Circuit Protection:** It acts as a safety barrier; if the current exceeds the rated 12A, the fuse blows to protect downstream electronics. ### C. LED Status Indicator (The "R" Suffix) The "R" typically signifies the inclusion of a **Resistance-based LED indicator**. - **Operation:** When the fuse is intact, the LED is off. If the fuse blows, the circuit completes through a high-resistance path, lighting the LED to signal a fault. - **Voltage Range:** The LED circuit is usually rated for specific ranges (e.g., 12-24V or 110-230V). ### D. Clamping Mechanism The mechanical part that ensures the wire stays connected. - **Screw:** Steel (Zinc plated) for high torque. - **Clamp:** Non-corrosive alloy to prevent "cold flow" of the wire. --- ## 3. Applications * **PLC Protection:** Used to protect individual output channels of a Programmable Logic Controller. * **Industrial Control Panels:** Provides a neat way to distribute power while ensuring individual circuit protection. * **Sensor Hubs:** Protecting delicate sensors from power surges. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage range for the LED indicator on the FNS-12-R?
    • ⤷ What size of wire gauge (AWG) is compatible with this terminal block?
    • ⤷ How does the 'R' indicator circuit affect leakage current when the fuse is blown?