Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-33-R

  • AI
    The **FNS-33-R** is an electronic component primarily classified as a **Power Line Filter (EMI/RFI Filter)**. These devices are designed to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) between electronic equipment and the power line. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications The FNS series is commonly manufactured by companies like **Okaya Electric Industries**. The "33" typically denotes the current rating, and "R" signifies specific termination or compliance standards. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Single-Phase EMI Filter | | **Rated Current** | 30A to 33A | | **Rated Voltage** | 250V AC / DC | | **Operating Frequency** | 50/60 Hz | | **Temperature Range** | -25°C to +85°C | | **Test Voltage** | 2,000V AC (1 minute) | --- ### 2. Internal Electronic Construction The FNS-33-R utilizes a passive circuit network consisting of the following electronic parts: 1. **Inductors (Common Mode Chokes):** These consist of wire coils wound around a ferrite core. They provide high impedance to high-frequency noise while allowing the 50/60Hz power current to pass. 2. **X-Capacitors:** Connected across the lines (Line to Neutral) to suppress differential mode noise. 3. **Y-Capacitors:** Connected from the lines to the ground (Line to Ground). These are critical for bypassing common-mode noise to the earth. 4. **Bleeder Resistor:** A high-resistance component often included to discharge the capacitors when power is disconnected, ensuring safety. --- ### 3. Key Electronic Functions * **Noise Suppression:** It blocks high-frequency noise generated by the device from entering the power grid and protects the device from noise coming *from* the grid. * **Leakage Current Management:** The "R" variant is often optimized for specific leakage current limits to meet safety standards (like UL or VDE). * **Attenuation Characteristics:** It provides significant decibel (dB) reduction across a wide frequency spectrum (typically 150kHz to 30MHz). --- ### 4. Typical Applications The FNS-33-R is used in high-power industrial and commercial electronics, including: * **Inverter-controlled equipment** (AC Motor Drives). * **Switching Power Supplies (SMPS)**. * **Medical diagnostic equipment**. * **Office automation and telecommunications hardware**. --- ### 5. Installation Block Diagram `[ Line Input ] ---> [ Filter (FNS-33-R) ] ---> [ Sensitive Load/Circuit ]`
    ✨ Follow-up Questions
    • ⤷ What are the specific attenuation (dB) ratings for the FNS-33-R at 1MHz?
    • ⤷ How does the 'R' suffix change the leakage current compared to the standard model?
    • ⤷ What is the recommended mounting torque for the terminal blocks on this unit?