Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-54-R

  • AI
    The **FNS-54-R** is a specific model of a **Fan Speed Controller** (often referred to as a step-down regulator or noise reducer) typically used in industrial cooling systems, server racks, or high-end PC builds. It is designed to manage the voltage supplied to DC fans to control their RPM and noise levels. --- ## 1. Core Electronic Specifications The FNS-54-R acts as a bridge between the power source and the fan. Below are the typical electronic characteristics: | Component Feature | Specification/Detail | | :--- | :--- | | **Input Voltage** | Typically 12V DC (Standard for fans) | | **Output Voltage** | Adjusted range (usually 5V to 11V) | | **Current Rating** | High amperage support (often up to 4A or 5A) | | **Connector Type** | 4-Pin (PWM compatible) or 3-Pin | | **Control Method** | Resistive stepping or PWM Signal passthrough | --- ## 2. Key Internal Electronic Parts The functionality of the FNS-54-R relies on several internal electronic mechanisms: ### A. Power Resistors / Potentiometer To reduce fan speed, the device uses resistance to drop the voltage. * **Variable Resistor:** Allows the user to manually dial in the desired speed. * **Heat Dissipation:** Because it drops voltage, it generates heat; hence, these parts are usually rated for higher temperatures. ### B. Signal Passthrough (PWM) If the FNS-54-R is a 4-pin variant, it includes a bypass circuit for the **Tachometer (Speed Sensor)** and the **PWM (Pulse Width Modulation)** signal. * This allows the motherboard or industrial controller to still "read" the fan's RPM even while the voltage is being regulated. ### C. Filtering Capacitors Small electrolytic or ceramic capacitors are often included to: * Smooth out voltage ripples. * Prevent "coil whine" or motor humming at lower voltages. --- ## 3. Application and Connection The FNS-54-R is commonly installed in a "daisy-chain" or "in-line" configuration: ```mermaid graph LR A[Power Source] --> B[FNS-54-R Controller] B --> C[Cooling Fan] B --> D[Control Knob/Interface] ``` ### Installation Notes: 1. **Pinout:** Ensure the polarity (+/-) matches, as reversing it can damage the internal capacitors. 2. **Load Balancing:** Do not exceed the maximum Wattage (V x A) rating, or the internal resistors may burn out. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum wattage capacity for the FNS-54-R?
    • ⤷ Can this controller be used with 24V industrial fans?
    • ⤷ Does the FNS-54-R support automatic temperature-based speed control?