Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-630-R

  • AI
    The **FNS-630-R** is a specific electronic component, primarily recognized as a **high-current terminal block** or a **power distribution block**, often used in industrial automation, control panels, and electrical enclosures. Below is a detailed breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications The FNS-630-R is designed to handle significant electrical loads and provide a secure junction for heavy-gauge wiring. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Single-pole Power Distribution Block | | **Current Rating** | Up to 630 Amperes | | **Voltage Rating** | 600V - 1000V (AC/DC) | | **Mounting Style** | DIN Rail (35mm) or Screw Mount | | **Housing Material** | Polyamide (PA66) / Thermoplastic | | **Conductor Material** | Tin-plated Copper or Aluminum Alloy | | **Flammability Rating** | UL 94 V-0 | --- ### 2. Key Electronic Parts and Design The unit consists of several critical sub-components designed to ensure electrical safety and conductivity: #### A. Conductivity Core (The Busbar) * **Material:** Usually made of high-grade copper or aluminum. * **Plating:** Coated with **Tin** to prevent oxidation and allow for the connection of both copper and aluminum wires (Bi-metallic capability). * **Function:** Serves as the primary path for high-current flow between the input and multiple outputs. #### B. Terminal Connection Points * **Input Side:** Designed for large-diameter cables (often up to 400-500 kcmil). * **Output Side:** Multiple smaller ports allow for "branching" the power to various sub-circuits or devices. * **Mechanical Lug:** Uses hex-head or Phillips screws to apply high torque, ensuring low contact resistance. #### C. Insulation Housing * **Dielectric Strength:** The plastic casing is designed to withstand high voltages without breakdown. * **Finger-Safe Design:** Often rated **IP20**, meaning the internal "live" electronic parts are protected from accidental human contact. --- ### 3. Application Use Cases The FNS-630-R is integrated into electronic systems where power needs to be split from a main source to several components: 1. **Motor Control Centers (MCC):** Distributing power to multiple motor drives. 2. **Solar Inverters:** Consolidating DC inputs before conversion. 3. **HVAC Systems:** Powering large industrial compressors and fans. 4. **Switchgear:** Main power entry point for industrial cabinets. --- ### 4. Circuit Diagram Representation In an electrical schematic, the FNS-630-R is represented as a node or a junction point: ```text [Main Feed (630A)] | [FNS-630-R Block] / | \ [Out1] [Out2] [Out3] ... [OutN] ```
    ✨ Follow-up Questions
    • ⤷ What are the torque requirements for securing wires in an FNS-630-R?
    • ⤷ Can the FNS-630-R be used with both AC and DC current?
    • ⤷ What is the maximum wire gauge supported by the input terminal?