Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-C4-R

  • AI
    The **FNS-C4-R** is a specific electronic component typically associated with industrial automation, specifically within the realm of **Modular I/O Systems** or **Fieldbus interface modules** (often used in Fuji Electric or similar industrial control systems). Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Technical Specifications The FNS-C4-R is primarily a **Remote I/O Slave Terminal**. It functions as a bridge between high-speed industrial networks and physical sensor/actuator wiring. | Feature | Specification | | :--- | :--- | | **Model Series** | FNS (Field Network System) | | **I/O Configuration** | 4-Channel Input/Output (Configurable) | | **Communication Protocol** | RS-485 or Proprietary Fieldbus | | **Terminal Type** | Spring-clamp or Screw Terminal (indicated by 'R') | | **Operating Voltage** | 24V DC (Standard Industrial) | | **Mounting** | 35mm DIN Rail | --- ### 2. Key Electronic Components Inside the FNS-C4-R, the electronic design is centered around signal isolation and data processing: * **Microcontroller (MCU):** An onboard processor manages the protocol stack (interpreting commands from the PLC) and controls the timing of the I/O operations. * **Optocouplers (Galvanic Isolation):** To protect the main control logic from voltage spikes on the factory floor, the inputs and outputs are isolated using optical sensors. * **Transceiver IC:** Since the model uses a "C4" designation (often implying 4-wire or specific RS-485 serial communication), it includes a transceiver chip to convert differential signals into logic-level signals. * **Status LEDs:** * **PWR:** Power supply status. * **RUN/LNK:** Communication link activity. * **ERR:** Hardware or communication fault indicator. --- ### 3. Wiring and Pinout Logic The unit is designed for high-density wiring. The "R" in the suffix often denotes **Relay Output** or a specific **Connector/Terminal style**. 1. **Power Supply Terminals:** Connection for the 24V DC source. 2. **Communication Terminals:** Dual ports for "daisy-chaining" the network to the next module. 3. **I/O Terminals:** Four distinct channels for connecting digital sensors (like proximity switches) or small actuators (like solenoid valves). --- ### 4. Application Context The FNS-C4-R is used in environments where centralizing all wiring to a single PLC is impractical. By placing this module near the machine sensors, you reduce the amount of copper wiring required and improve signal integrity. * **Common Use Case:** Conveyor belt sensor monitoring, pneumatic cylinder control, and machine status signaling.
    ✨ Follow-up Questions
    • ⤷What is the specific communication protocol used by the FNS series?
    • ⤷ How do I configure the station address on an FNS-C4-R unit?
    • ⤷ What are the maximum current ratings for the FNS-C4-R outputs?