Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-D3-R

  • AI
    The **FNS-D3-R** is an electronic component primarily classified as a **Digital Sensor** or **Optical Fiber Amplifier/Sensor Unit**, commonly used in industrial automation and precision detection. Below is a detailed breakdown of its electronic parts and functional characteristics. --- ### 1. Key Technical Specifications The FNS-D3-R is designed for high-speed detection and integration with PLC (Programmable Logic Controller) systems. | Parameter | Description | | :--- | :--- | | **Output Type** | NPN / Open Collector | | **Operating Voltage** | 12 - 24V DC | | **Light Source** | Red LED (Visible) | | **Response Time** | High-speed (typically < 1ms) | | **Control Output** | Max 100mA | | **Connection Method** | Cable type (usually 3-wire or 4-wire) | --- ### 2. Core Electronic Components Inside the FNS-D3-R housing, several critical electronic subsystems work together to provide reliable sensing: #### A. The Optical Engine * **Emitter:** A high-intensity Red LED that pulses light through an optical fiber. * **Receiver:** A photodiode or phototransistor tuned to the specific frequency of the emitter to filter out ambient light interference. #### B. Signal Processing Circuitry * **Comparator/Op-Amp:** Amplifies the weak electrical signal from the receiver and compares it against a threshold set by the user. * **Digital Logic Chip:** Manages the timing, pulse modulation, and threshold adjustments (Sensitivity). #### C. Output Interface * **Switching Transistor:** Usually an **NPN transistor**. When the target is detected, the transistor closes the circuit, pulling the signal line to the ground (OV). * **Protection Diodes:** Includes reverse polarity protection and surge suppression to prevent damage from wiring errors. --- ### 3. Physical Features and Indicators The device features external components that allow for manual calibration and monitoring: 1. **Sensitivity Adjustment:** A potentiometer or digital buttons used to set the "trigger point" based on distance or object transparency. 2. **LED Indicators:** * **Green (Stability):** Indicates the signal strength is well above or below the threshold. * **Red/Orange (Operation):** Indicates the output state (ON/OFF). 3. **Fiber Insertion Port:** A mechanical locking mechanism that holds the plastic or glass fiber optic cables in place. --- ### 4. Applications Because of its electronic precision, the FNS-D3-R is used for: * **Object Counting:** Detecting small parts on a conveyor belt. * **Positioning:** Ensuring components are correctly aligned in a machine. * **Label Detection:** Identifying the presence or absence of labels on packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in sensors like the FNS-D3-R?
    • ⤷ How do you calibrate the sensitivity on this specific sensor model?
    • ⤷ What are the compatible fiber optic cables for the FNS series?