Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-EE-R

  • AI
    The **FNS-EE-R** series refers to a specific line of **Electronic Pressure Switches** (often associated with brands like CKD or similar industrial automation manufacturers). These devices are designed to monitor fluid or gas pressure and provide digital/analog signals for process control. Below is a breakdown of the electronic components and technical specifications typically found in this series. --- ### 1. Key Electronic Components The FNS-EE-R series integrates several critical electronic parts to ensure precision and durability: | Component | Function | | :--- | :--- | | **Pressure Sensor Cell** | Usually a piezoresistive or ceramic thick-film element that converts physical pressure into an electrical mV signal. | | **ASIC (Integrated Circuit)** | Performs signal conditioning, temperature compensation, and converts the raw sensor data into standardized outputs. | | **LED Display** | Typically a 3.5 or 4-digit display used to show real-time pressure values and programming parameters. | | **Switching Transistors** | NPN or PNP transistors that act as digital outputs to trigger PLCs or relays. | | **EEPROM** | Internal memory that stores user-defined setpoints and hysteresis configurations even when powered off. | --- ### 2. Electrical Specifications The electronic performance of the R-series is defined by its power requirements and signal logic: * **Power Supply:** Generally operates on **12 to 24V DC** (with a tolerance of ±10%). * **Output Types:** * **Digital:** 2 discrete outputs (NPN or PNP). * **Analog:** 1-5V DC or 4-20mA current loop (model dependent). * **Response Time:** Typically **≤ 2.5ms**, making it suitable for high-speed pneumatic cycles. * **Current Consumption:** Low power draw, usually **≤ 40mA** (without load). --- ### 3. Wiring Configuration Most FNS-EE-R models use a standard M12 connector or a multi-core lead wire. The wiring logic is usually color-coded as follows: 1. **Brown:** Positive Power (+V) 2. **Blue:** Negative Power (0V/GND) 3. **Black:** Switch Output 1 4. **White:** Switch Output 2 / Analog Output 5. **Orange (if applicable):** Functional Earth --- ### 4. Electronic Features & Protections * **Hysteresis Mode:** Allows the user to set a "dead band" to prevent the electronics from "chattering" (rapidly switching on/off) when the pressure fluctuates near the setpoint. * **Short-Circuit Protection:** Protects the internal transistors if the output is wired incorrectly or overloaded. * **IP65 Rating:** The electronic housing is sealed against dust and water splashes, ensuring longevity in industrial environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output types in this series?
    • ⤷ How do I calibrate the zero-point on an FNS-EE-R pressure switch?
    • ⤷ Can this sensor be used for vacuum applications or only positive pressure?