Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FNS-FG-R

  • AI
    The **FNS-FG-R** is an industrial-grade **Fiber Optic Network Switch** (often associated with brands like Finisar or specialized industrial networking OEMs) designed for rugged environments. It primarily functions as a media converter or managed switch interface, translating electrical signals into optical signals for long-distance data transmission. Below is a breakdown of its core electronic components and technical architecture. --- ### 1. Key Electronic Components | Component Type | Description | Function | | :--- | :--- | :--- | | **SFP/SFP+ Slots** | Small Form-factor Pluggable interfaces. | Houses the laser diode and photodiode for fiber communication. | | **Phy Chipset** | Physical Layer Transceiver. | Manages the conversion between digital data and electrical line signals. | | **Microcontroller/SoC** | System on a Chip (often ARM-based). | Handles network management, VLAN tagging, and SNMP protocols. | | **Voltage Regulators** | DC-DC Converters. | Steps down input power (usually 12-48V) to stable 3.3V or 1.2V for ICs. | | **Galvanic Isolators** | Optical or magnetic isolators. | Protects the internal circuitry from high-voltage surges on copper ports. | --- ### 2. Functional Electronic Blocks #### A. The Optical Interface (Front End) The "FG" in the model name usually refers to **Fiber Gigabit**. The electronic interface here consists of: * **Transmitter (TX):** Converts electrical pulses into light pulses using a Laser Diode. * **Receiver (RX):** Uses a PIN Photodiode to detect incoming light and convert it back into an electrical current. #### B. Power Management Circuitry Designed for industrial reliability, the power section typically includes: * **Redundant Power Inputs:** Two terminal blocks to prevent shutdown if one power source fails. * **Reverse Polarity Protection:** Prevents damage if the DC leads are connected incorrectly. * **EMI Filtering:** Capacitors and inductors (chokes) to filter out electromagnetic interference common in factory floors. #### C. Signal Processing Layer The internal PCB (Printed Circuit Board) utilizes high-speed differential pairs to maintain signal integrity. The **Switch Fabric** IC acts as the brain, determining which data packets go to which port based on MAC addresses. --- ### 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Interface** | 100/1000Base-FX Fiber + 10/100/1000Base-TX Copper | | **Input Voltage** | 9V - 56V DC | | **Fiber Connector** | SC, ST, or LC (via SFP) | | **Operating Temp** | -40°C to +75°C (Industrial Grade) | | **MTBF** | >300,000 hours | --- ### 4. Diagnostic Electronics The unit features a row of **Status LEDs** driven by the microcontroller. These report: 1. **Link/Act:** Indicates if the electronic physical layer is connected. 2. **Speed:** Indicates if the port is operating at 10, 100, or 1000 Mbps. 3. **PWR1/PWR2:** Monitors the health of the incoming DC voltage.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the FNS-FG-R power terminal block?
    • ⤷ Does this model support Power over Ethernet (PoE) on its copper ports?
    • ⤷ How do I troubleshoot a 'Loss of Signal' (LOS) error on the fiber interface?