Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FO-BC-R-DC3

  • AI
    The **FO-BC-R-DC3** is a specific electronic component typically categorized under fiber optic connectivity, specifically acting as a **Fiber Optic Bulkhead Coupler** (often for ST or similar connectors). The "DC3" designation often refers to specific technical revisions or mounting styles (such as D-hole or Circular-hole mounting) used in industrial and telecommunications equipment. --- ### 1. Key Technical Specifications The following table outlines the general electronic and physical characteristics associated with this part series: | Feature | Specification | | :--- | :--- | | **Component Type** | Fiber Optic Coupler / Adapter | | **Connector Style** | ST to ST (Simplex) | | **Mounting Type** | Bulkhead / Panel Mount (D-hole) | | **Body Material** | Nickel-Plated Zinc or Polymer | | **Alignment Sleeve** | Phosphor Bronze or Zirconia Ceramic | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Electronic Role While fiber optic couplers are passive components (they do not require electricity to operate), they are critical to the "Electronic" signal chain in the following ways: * **Signal Integrity:** The primary role is to maintain precise alignment between two fiber optic cables. Misalignment causes **Insertion Loss (IL)**, which weakens the optical signal before it reaches the photodiode (receiver). * **EMI/RFI Immunity:** Because this part facilitates optical transmission rather than copper, it allows electronic systems to communicate in high-interference environments without electromagnetic noise. * **Bulkhead Isolation:** The "BC" (Bulkhead Coupler) design allows for the transition of signals through a metal enclosure (chassis) while maintaining environmental sealing or grounding integrity of the outer shell. --- ### 3. Component Construction A breakdown of the internal parts of the FO-BC-R-DC3: 1. **Outer Housing:** Usually metal to provide a common ground to the chassis and mechanical durability. 2. **Alignment Sleeve:** The "heart" of the component. It holds the two ceramic ferrules of the fiber cables in perfect concentricity. 3. **Dust Caps:** Critical for protecting the internal optical path from contaminants which can "blind" the electronic sensors. 4. **Hardware:** Includes a nut and lock washer for securing the part to a PCB or panel. --- ### 4. Typical Applications * **Telecommunications:** Patch panels and distribution boxes. * **Industrial Controls:** Connecting PLC (Programmable Logic Controllers) via fiber in noisy factory environments. * **Test Equipment:** Interface ports on optical power meters or oscilloscopes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zirconia and Phosphor Bronze alignment sleeves?
    • ⤷ How do I calculate the insertion loss for this coupler in a circuit?
    • ⤷ What are the specific panel cutout dimensions for a DC3 type mount?